Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C2012 Datasheet(PDF) 37 Page - Hynix Semiconductor

Part # GMS81C2012
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 37 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 33Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 34Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 35Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 36Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 37Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 38Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 39Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 40Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 41Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
37
D500FA
LDA
!0FA00H+Y
(6) Indirect Addressing
Direct page indirect
→
→
→
→ [dp]
Assigns data address to use for accomplishing command
which sets memory data (or pair memory) by Operand.
Also index can be used with Index register X,Y.
JMP, CALL
Example; G=0
3F35
JMP
[35H]
X indexed indirect
→
→
→
→ [dp+X]
Processes memory data as Data, assigned by 16-bit pair
m e m o r y w h ic h is d e te r m ine d by pai r da ta
[dp+X+1][dp+X] Operand plus
X-register data in Direct
page.
ADC, AND, CMP, EOR, LDA, OR, SBC, STA
Example; G=0, X=10H
1625
ADC
[25H+X]
Y indexed indirect
→
→
→
→ [dp]+Y
Processes memory data as Data, assigned by the data
[dp+1][dp] of 16-bit pair memory paired by Operand in Di-
rect page
plus Y-register data.
ADC, AND, CMP, EOR, LDA, OR, SBC, STA
Example; G=0, Y=10H
1725
ADC
[25H]+Y
Absolute indirect
→
→
→
→ [!abs]
The program jumps to address specified by 16-bit absolute
address.
JMP
Example; G=0
D5
0F100H
data
→ A
–
~
~
~
~
data
0FA55H
0FA00H+55H=0FA55H
˜
FA
0F102H
00
0F101H
—
0A
35H
jump to
–
~
~
~
~
35
0FA00H
E3
36H
—
3F
0E30AH
NEXT
~
~
~
~
address 0E30AH
05
35H
0E005H
~
~
~
~
25
0FA00H
E0
36H
16
0E005H
data
~
~
~
~
˜ A + data + C → A
25 + X(10) = 35H
–
—
05
25H
0E005H + Y(10)
–
~
~
~
~
25
0FA00H
E0
26H
—
17
0E015H
data
~
~
~
~
˜
= 0E015H
A + data + C
→ A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com