Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C2012 Datasheet(PDF) 19 Page - Hynix Semiconductor

Part # GMS81C2012
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 19 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 15Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 16Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 17Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 18Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 19Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 20Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 21Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 22Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 23Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
19
7.4 DC Electrical Characteristics for Standard Pins(5V)
(VDD = 5.0V ± 10%, VSS = 0V, TA = -40 ~ 85°C, fXIN = 4 MHz, Vdisp = VDD-40V to VDD),
Parameter
Pin
Symbol
Test Condition
Specification
Unit
Min
Typ.1
1. Data in “Typ.” column is at 4.5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Max
Input High Voltage
XIN, SXIN
VIH1
External Clock
0.9VDD
VDD+0.3
V
RESET,SIN,R55,SCLK,
INT0&1,EC0
VIH2
0.8VDD
VDD+0.3
R40~R43,R5,R6,R70~R73
VIH3
0.7VDD
VDD+0.3
Input Low Voltage
XIN, SXIN
VIL1
External Clock
-0.3
0.1VDD
V
RESET,SIN,R55,SCLK,
INT0&1,EC0
VIL2
-0.3
0.2VDD
R40~R43,R5,R6,R70~R73
VIL3
-0.3
0.3VDD
Output High
Voltage
R40~R43,R5,R6,R70~R73
BUZO,T0O,PWM1O/T1O,
SCLK,SOUT
VOH
IOH = -0.5mA
VDD-0.5
V
Output Low
Voltage
R40~R43,R5,R6,R70~R73
BUZO,T0O,PWM1O/T1O,
SCLK,SOUT
VOL1
VOL2
IOL = 1.6mA
IOL = 10mA
0.4
2
V
Input High
Leakage Current
R40~R43,R5,R6,R70~R73
IIH1
1
uA
XIN
IIH2
1
Input Low
Leakage Current
R40~R43,R5,R6,R70~R73
IIL1
-1
uA
XIN
IIL2
-1
Input Pull-up
Current(*Option)
R40~R43,R5,R6,R70~R73
IPU
50
100
180
uA
Power Fail
Detect Voltage
VDD
VPFD
2.7
V
Current dissipation
in active mode
VDD
IDD
fXIN=4.5MHz
8
mA
Current dissipation
in standby mode
VDD
ISTBY
fXIN=4.5MHz
3
mA
Current dissipation
in sub-active mode
VDD
ISUB
fXIN = Off
fSXIN=32.7KHz
100
uA
Current dissipation
in watch mode
VDD
IWTC
fXIN=Off
fSXNI=32.7KHz
20
uA
Current dissipation
in stop mode
VDD
ISTOP
fXIN=Off
fSXIN=32.7KHz
10
uA
Hysteresis
RESET,SIN,R55,SCLK,
INT0,INT1,EC0
VT+~VT-
0.4
V
Internal RC WDT
Frequency
XOUT
TRCWDT
830
KHz
RC Oscillation
Frequency
XOUT
fRCOSC
R= 120K
Ω
1.522.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com