Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C2012 Datasheet(PDF) 60 Page - Hynix Semiconductor

Part # GMS81C2012
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 60 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 56Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 57Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 58Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 59Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 60Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 61Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 62Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 63Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 64Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 107 page
background image
GMS81C2012/GMS81C2020
HYUNDAI MicroElectronics
60
MAR. 2000 Ver 1.00
If it needed more higher frequency of PWM, it should be
reduced resolution.
The bit POL of TM1 decides the polarity of duty cycle.
If the duty value is set same to the period value, the PWM
output is determined by the bit POL (1: High, 0: Low). And
if the duty value is set to "00H", the PWM output is deter-
mined by the bit POL (1: Low, 0: High).
It can be changed duty value when the PWM output. How-
ever the changed duty value is output after the current pe-
riod is over. And it can be maintained the duty value at
present output when changed only period value shown as
Figure 12-14. As it were, the absolute duty time is not
changed in varying frequency. But the changed period val-
ue must greater than the duty value.
Figure 12-12 PWM Mode
Resolution
Frequency
T1CK[1:0]
= 00(250nS)
T1CK[1:0]
= 01(500nS)
T1CK[1:0]
= 10(2uS)
10-bit
3.9KHz
0.98KHZ
0.49KHZ
9-bit
7.8KHz
1.95KHz
0.97KHz
8-bit
15.6KHz
3.90KHz
1.95KHz
7-bit
31.2KHz
7.81KHz
3.90KHz
Table 12-2 PWM Frequency vs. Resolution at 4MHz
÷ 1
÷ 2
÷ 8
PWM1HR
ADDRESS : D5H
RESET VALUE : ----0000
-
-
-
-
PWM1HR3PWM1HR2PWM1HR1PWM1HR0
---
-
XXX
X
MUX
1
T1CN
T1CK[1:0]
T1 ( 8-bit )
T1ST
0 : Stop
1 : Clear and Start
CLEAR
COMPARATOR
COMPARATOR
T1PDR(8-bit)
PWM1HR[1:0]
T1PPR(8-bit)
PWM1HR[3:2]
T1PDR(8-bit)
SQ
R
POL
PWM1O
R56/
PWM1O/T1O
T0 clock source
fXI
TM1
ADDRESS : D2H
RESET VALUE : 00000000
POL
16BIT
PWM1E
CAP1
T1CK1
T1CK0
T1CN
T1ST
X
010
XXX
X
[R5FUNC.6]
Period High
Duty High
Slave
Master
Bit Manipulation Not Available
X : The value "0" or "1" corresponding your operation.
[T0CK]
(2-bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com