Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C2012 Datasheet(PDF) 66 Page - Hynix Semiconductor

Part # GMS81C2012
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 66 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 62Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 63Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 64Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 65Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 66Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 67Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 68Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 69Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 70Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 107 page
background image
GMS81C2012/GMS81C2020
HYUNDAI MicroElectronics
66
MAR. 2000 Ver 1.00
Serial I/O Mode Register(SIOM) controls serial I/O func-
tion. According to SCK1 and SCK0, the internal clock or
external clock can be selected. The serial transmission op-
eration mode is decided by setting the SM1 and SM0, and
the polarity of transfer clock is selected by setting the POL.
Serial I/O Data Register(SIOR) is a 8-bit shift register.
First LSB is send or is received. When receiving mode, se-
rial input pin is selected by IOSW. The SPI allows 8-bits
of data to be synchronously transmitted and received.
To accomplish communication, typically three pins are
used:
- Serial Data In
R54/SIN
- Serial Data Out
R55/SOUT
- Serial Clock
R53/SCLK
.
Figure 14-2 SPI Control Register
BTCL
765
432
10
IOSW
POL
SIOST
Serial transmission status bit
Serial transmission Clock selection
INITIAL VALUE: 0000 0001B
ADDRESS: 0E0H
SIOM
SIOSF
Serial Input Pin Selection bit
0: SIN Pin Selection
1: IOSWIN Pin Selection
R/W
R/W
R/W
R/W
R/W
R
00: fXIN ÷ 4
01: fXIN ÷ 16
10: TMR0OV(Timer0 Overflow)
11: External Clock
0: Serial transmission is in progress
1: Serial transmission is completed
Serial transmission start bit
Setting this bit starts an Serial transmission.
After one cycle, bit is cleared to “0” by hardware.
SCK1 SCK0
SM1
SM0
R/W
Serial transmission Operation Mode
00: Normal Port(R55,R54,R53)
01: Sending Mode(SOUT,R54,SCLK)
10: Receiving Mode(R55,SIN,SCLK)
11: Sending & Receiving Mode(SOUT,SIN,SCLK)
INITIAL VALUE: Undefined
ADDRESS: 0E1H
SIOR
BTCL
76
54
32
10
R/W R/W R/W R/W
R/W R/W
R/W
R/W
Sending Data at Sending Mode
Receiving Data at Receiving Mode
Serial Clock Polarity Selection bit
0: Data Transmission at Falling Edge
Received Data Latch at Rising Edge
1: Data Transmission at Rising Edge
Received Data Latch at Falling Edge
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com