Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C2012 Datasheet(PDF) 67 Page - Hynix Semiconductor

Part # GMS81C2012
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 67 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 63Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 64Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 65Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 66Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 67Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 68Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 69Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 70Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 71Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
67
14.1 Transmission/Receiving Timing
The serial transmission is started by setting SIOST(bit1 of
SIOM) to “1”. After one cycle of SCK, SIOST is cleared
automatically to “0”. The serial output data from 8-bit shift
register is output at falling edge of SCLK. And input data
is latched at rising edge of SCLK pin. When transmission
clock is counted 8 times, serial I/O counter is cleared as
‘0”. Transmission clock is halted in “H” state and serial I/
O interrupt(IFSIO) occurred.
Figure 14-3 SPI Timing Diagram at POL=0
Figure 14-4 SPI Timing Diagram at POL=1
D1
D2
D3
D4
D6
D7
D0
D5
D1
D2
D3
D4
D6
D7
D0
D5
SIOST
SCLK [R53]
(POL=0)
SOUT [R55]
SIN [R54]
SPIIF
(SPI Int. Req)
(IOSW=0)
D1
D2
D3
D4
D6
D7
D0
D5
IOSWIN [R55]
(IOSW=1)
SIOSF
(SPI Status)
D1
D2
D3
D4
D6
D7
D0
D5
D1
D2
D3
D4
D6
D7
D0
D5
SIOST
SCLK [R53]
(POL=1)
SOUT [R55]
SIN [R54]
SPIIF
(SPI Int. Req)
(IOSW=0)
D1
D2
D3
D4
D6
D7
D0
D5
IOSWIN [R55]
(IOSW=1)
SIOSF
(SPI Status)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com