Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81C2012 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # GMS81C2012
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 2Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 3Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 4Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 5Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 6Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 7Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 8Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 9Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 107 page
background image
GMS81C2012/GMS81C2020
HYUNDAI MicroElectronics
6
MAR. 2000 Ver 1.00
1.3 Development Tools
The GMS81C20xx are supported by a full-featured macro
assembler, an in-circuit emulator CHOICE-Jr.TM and OTP
programmers. There are third different type programmers
such as emulator add-on board type, single type, gang type.
For mode detail, Refer to “21. OTP PROGRAMMING” on
page 89. Macro assembler operates under the MS-Win-
dows 95/98TM.
Please contact sales part of Hyundai MicroElectronics.
1.4 Ordering Information
In Circuit
Emulators
CHOICE-Dr.
Socket Adapter
for OTP
CHPOD81C20D-64SD (64SDIP)
CHPOD81C20D-64QFP (64MQFP)
CHPOD81C20D-64LQFP (64LQFP)
Assembler
HME Macro Assembler
Device name
ROM Size
RAM size
Package
Mask version
GMS81C2012 K
GMS81C2012 Q
GMS81C2012 LQ
GMS81C2020 K
GMS81C2020 Q
GMS81C2020 LQ
12K bytes
12K bytes
12K bytes
20K bytes
20K bytes
20K bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
64SDIP
64MQFP
64LQFP
64SDIP
64MQFP
64LQFP
OTP version
GMS87C2020 K
GMS87C2020 Q
GMS87C2020 LQ
20K bytes OTP
20K bytes OTP
20K bytes OTP
448 bytes
448 bytes
448 bytes
64SDIP
64MQFP
64LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com