Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0020 Datasheet(PDF) 56 Page - STMicroelectronics

Part # RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 52Page - STMicroelectronics RM0020 Datasheet HTML 53Page - STMicroelectronics RM0020 Datasheet HTML 54Page - STMicroelectronics RM0020 Datasheet HTML 55Page - STMicroelectronics RM0020 Datasheet HTML 56Page - STMicroelectronics RM0020 Datasheet HTML 57Page - STMicroelectronics RM0020 Datasheet HTML 58Page - STMicroelectronics RM0020 Datasheet HTML 59Page - STMicroelectronics RM0020 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
Function API
RM0020
56/69
Description:
Computes the second-order IIR filter on frac16 data. The input samples are stored in
the array x, output samples are written to the array y. The filter coefficients are stored
in the array c divided by 2. There is used the arithmetic with saturation so the output
will never overflow.
Algorithm:
Equation 51
for each n from 0 to N-1
Note: The routine requires these conditions are met:
-1 =< b1/2-a1*b0/2 < 1
-1 =< b2/2-a1*b1/2 < 1
-1 =< -a1*b2/2 < 1
-1 =< a2/2-a1*a1/2 < 1
-1 =< -a1*a2/2 < 1
Performance: See Section 7 and Table 61.
Example 30. iir_frac16_2nd_hc
#include "libdsp2.h"
/* #pragma and ALIGN macros used to align to 4 bytes */
#ifdef __ghs__
#pragma alignvar (4)
#endif
ALIGN_DCC(4)
short x[256] ALIGN_MWERKS(4);
#ifdef __ghs__
#pragma alignvar (4)
#endif
ALIGN_DCC(4)
short y[256] ALIGN_MWERKS(4);
Table 30.
iir_frac16_2nd_hc arguments(1)
1.
The x,y,c,s data are in fractional 16-bit format in range -1 to 1. The arrays x,y,s must be word
aligned, the array c must be half-word aligned (implicit alignment of short data). There must be 4
bytes of readable memory behind the array x. There are returned new values of x(-2), x(-1), y(-2),
y(-1) in the array s to be ready for next function call.
Nin
number of input and output samples (N must be multiple of 4, N must
be >= 8)
x
in
array of input samples of length N, x(0) x(1) ... x(N-1)
y
out
array of output samples of length N, y(0) y(1) ... y(N-1)
cin
array of filter coefficients divided by 2, c[5] = {b(0)/2, b(1)/2, b(2)/2,
a(1)/2, a(2)/2}
s
in/out
array of previous input and output values (state vector), s[4] = {x(-2),
x(-1), y(-2), y(-1)}
yn

2
b0

2
-----------xn
 b1

2
-----------xn 1
–
 b2

2
-----------xn 2
–
 a1

2
-----------yn 1
–

–
a2

2
-----------yn 2
–

–
++


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com