Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0020 Datasheet(PDF) 48 Page - STMicroelectronics

Part # RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 44Page - STMicroelectronics RM0020 Datasheet HTML 45Page - STMicroelectronics RM0020 Datasheet HTML 46Page - STMicroelectronics RM0020 Datasheet HTML 47Page - STMicroelectronics RM0020 Datasheet HTML 48Page - STMicroelectronics RM0020 Datasheet HTML 49Page - STMicroelectronics RM0020 Datasheet HTML 50Page - STMicroelectronics RM0020 Datasheet HTML 51Page - STMicroelectronics RM0020 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 69 page
background image
Function API
RM0020
48/69
Arguments:
Description:
Computes the second-order IIR filter on float data. The input samples are stored in
the array x, output samples are written to the array y.
Algorithm:
Equation 40
for each n from 0 to N-1
Performance: See Section 7 and Table 56.
Example 25. iir_float_2nd
#include "libdsp2.h"
/* #pragma and ALIGN macros used to align to 8 bytes */
#ifdef __ghs__
#pragma alignvar (8)
#endif
ALIGN_DCC(8)
float x[256/*+4*/] ALIGN_MWERKS(8); /* +4 to ensure there are 16
bytes of readable memory behind x */
#ifdef __ghs__
#pragma alignvar (8)
#endif
ALIGN_DCC(8)
float y [256] ALIGN_MWERKS(8);
#ifdef __ghs__
#pragma alignvar (8)
#endif
ALIGN_DCC(8)
float s[4] ALIGN_MWERKS(8) = {0,0,0,0};
float c[5]
=
{0.3115387742F,0.6230775485F,0.3115387742F,0.0736238464F,0.17253125
05F};
Table 25.
iir_float_2nd arguments(1)
1.
The arrays x,y,s must be double-word aligned, the array c must be word aligned (implicit alignment
of float data). There must be 16 bytes of readable memory behind the array x. There are returned
new values of x(-2), x(-1), y(-2), y(-1) in the array s to be ready for next function call.
Nin
number of input and output samples (N must be multiple of 4, must be
>= 8)
x
in
array of input samples of length N, x(0) x(1) ... x(N-1)
y
out
array of output samples of length N, y(0) y(1) ... y(N-1)
c
in
array of filter coefficients, c[5] = {b0, b1, b2, a1, a2}
s
in/out
array of previous input and output values (state vector), s[4] = {x(-2),
x(-1), y(-2), y(-1)}
yn

b0
xn
 b1
xn 1
–
 b2
xn 2
–
 a1
yn 1
–

–
a2
yn 2
–

–
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com