Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0020 Datasheet(PDF) 59 Page - STMicroelectronics

Part # RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 55Page - STMicroelectronics RM0020 Datasheet HTML 56Page - STMicroelectronics RM0020 Datasheet HTML 57Page - STMicroelectronics RM0020 Datasheet HTML 58Page - STMicroelectronics RM0020 Datasheet HTML 59Page - STMicroelectronics RM0020 Datasheet HTML 60Page - STMicroelectronics RM0020 Datasheet HTML 61Page - STMicroelectronics RM0020 Datasheet HTML 62Page - STMicroelectronics RM0020 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
RM0020
Performance
59/69
mfb50_index
180
conv3x3
672(4)
sobel3x3
492(4)
sobel3x3_horizontal
348(4)
sobel3x3_vertical
352(4)
corr_frac16
440
fir_float
776
fir_frac16
568
iir_float_1st
324
iir_float_2nd
416
iir_float_casc (iir_float_casc_c)
124(5)
iir_frac16_1st
164
iir_frac16_2nd
208
iir_frac16_casc (iir_frac16_casc_c)
124(5)
iir_frac16_2nd_hc
284
1.
N2_REALPART configured to 0, for N2_REALPART configured to 1 code size is 460 bytes.
2.
The code size is the same for N2_REALPART configured to 0 or 1.
3.
Valid for both scaling on and off.
4.
ZERO_LASTCOL configured to 0, if configured to 1 the size is 4 bytes greater for conv3x3 function and 8
bytes greater for the sobel functions.
5.
The iir_float_casc (iir_frac16_casc) function calls function iir_float_2nd (iir_frac16_2nd). The code size in
the table is valid for the CodeWarrior compiler with optimizations set to level 4, Instruction Scheduling and
Peephole Optimization turned on.
Table 31.
Code size (continued)
Function
Code size [bytes]
Table 32.
Radix-4 complex to complex float in-place FFT(1)
N(2)
First function
call [clock
cycles]
Second function
call [clock
cycles]
Third function
call [clock
cycles]
Improvement to
C function [-]
IPC
[-]
64
2546
2274
2259
2.57
0.97
256
12362
11653
11637
2.4
0.98
1024
59917
57374
56911
2.3
0.99
4096
307499
305244
304521
2.1
0.89
1.
The clock cycles include bit reversing by bitrev_table_32bit and FFT computation by fft_radix4_float function. w_table in
internal flash, seed_table in internal flash.
2.
N is FFT length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com