Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0020 Datasheet(PDF) 31 Page - STMicroelectronics

Part # RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 27Page - STMicroelectronics RM0020 Datasheet HTML 28Page - STMicroelectronics RM0020 Datasheet HTML 29Page - STMicroelectronics RM0020 Datasheet HTML 30Page - STMicroelectronics RM0020 Datasheet HTML 31Page - STMicroelectronics RM0020 Datasheet HTML 32Page - STMicroelectronics RM0020 Datasheet HTML 33Page - STMicroelectronics RM0020 Datasheet HTML 34Page - STMicroelectronics RM0020 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
RM0020
Function API
31/69
Arguments:
Description:
Windowing function for real float data. Input data are stored in x vector, output data
are written into y vector. The y vector can be the same as x vector (in-place
windowing).
Algorithm:
Equation 27
for each k = 0,1,...N-1
Note: There must be 16 bytes of readable memory behind input vector x and 8 bytes of
readable memory behind window vector w.
Performance: See Section 7 and Table 44.
Example 13. window_apply_real_float
#include "libdsp2.h"
float x[64+4];
/* +4 to ensure there is 16 bytes of readable
memory behind buffer */
float w[64+2];
/* +2 to ensure there is
8 bytes of readable
memory behind buffer */
void main(void)
{
unsigned int i, N;
/* length of vectors is 64 */
N = 64;
/* prepare example input data */
for (i = 0; i < N; i++) x[i] = i+1;
for (i = 0; i < N; i++) w[i] = i+N;
/* windowing function on real float data, x[i] = x[i]*w[i] */
window_apply_real_float(N, x, x, w);
}
6.14
Real frac16 windowing function
Function call:
void window_apply_real_frac16(unsigned int N, short *x, short *y,
short *w);
Table 13.
window_apply_real_float arguments
N
in
length of vectors, must be multiple of 16
x(1)
1.
All vectors must be double word aligned. All vectors have the following memory layout:
x(0) x(1)... x(N-1).
in
pointer to the input vector of length N
y(1)
out
pointer to the output vector of length N, y vector can be the same
as x vector (in-place windowing)
w(1)
in
pointer to the window vector of length N
yk

xk
wk

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com