Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0020 Datasheet(PDF) 58 Page - STMicroelectronics

Part # RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 54Page - STMicroelectronics RM0020 Datasheet HTML 55Page - STMicroelectronics RM0020 Datasheet HTML 56Page - STMicroelectronics RM0020 Datasheet HTML 57Page - STMicroelectronics RM0020 Datasheet HTML 58Page - STMicroelectronics RM0020 Datasheet HTML 59Page - STMicroelectronics RM0020 Datasheet HTML 60Page - STMicroelectronics RM0020 Datasheet HTML 61Page - STMicroelectronics RM0020 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 69 page
background image
Performance
RM0020
58/69
7
Performance
This section shows the code size and clock cycles for each function. The clock cycles were
measured for the following conditions:
●
Code Memory (Internal Flash) - cache on
●
Data Memory (Internal RAM) - cache on
●
Stack Memory - locked in cache
●
Data acquired on the MPC5554 with SIU_MIDR = 0x55540011
●
Branch Target Buffer (BTB) enabled
●
BIUCR = 0x00094BFD
The “Improvement to C function” column shows performance increase comparing the
assembly code to a respective C function, the value is calculated as a ratio of the
number_of_clock_cycles_of_C_ function/number_of_clock_cycles_of_optimized_ library_
function. The number of clock cycles are taken for the third function call. The C-code was
compiled in CodeWarrior for PowerPC V1.5 beta2, Global Optimizations set to level 4,
Optimize for Faster Execution Speed, Instruction Scheduling and Peephole Optimization
turned on.
The IPC column shows instructions per cycle.
Table 31.
Code size
Function
Code size [bytes]
bitrev_table_16bit
168
bitrev_table_32bit
168
fft_radix4_float
1216
fft_radix4_frac32 - scaling off
1224
fft_radix4_frac32 - scaling on
1344
fft_quad_float
1268
fft_quad_frac32 - scaling off
1276
fft_quad_frac32 - scaling on
1388
fft_radix2_last_stage_float
324
fft_radix2_last_stage_frac32 - scaling off
328
fft_radix2_last_stage_frac32 - scaling on
368
fft_real_split_float
452(1)
fft_real_split_frac32 - scaling off
452(1)
fft_real_split_frac32 - scaling on
460(2)
window_apply_complex_float
260
window_apply_complex_frac16
244(3)
window_apply_real_float
172
window_apply_real_frac16
172
mfb50_pmh
1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com