Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0020 Datasheet(PDF) 23 Page - STMicroelectronics

Part # RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 19Page - STMicroelectronics RM0020 Datasheet HTML 20Page - STMicroelectronics RM0020 Datasheet HTML 21Page - STMicroelectronics RM0020 Datasheet HTML 22Page - STMicroelectronics RM0020 Datasheet HTML 23Page - STMicroelectronics RM0020 Datasheet HTML 24Page - STMicroelectronics RM0020 Datasheet HTML 25Page - STMicroelectronics RM0020 Datasheet HTML 26Page - STMicroelectronics RM0020 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
RM0020
Function API
23/69
Arguments:
Description:
Split function of N-point real to complex float in-place fast Fourier transform (FFT).
Input data are stored in y, output data are written over the input data into y. The
function gives the first half of the output spectrum.
The calculation of the N/2 item is configurable by constant definition in the function
source file:
.set
N2_REALPART,
0
#/* 0/1 - real part of N/2
item isn't/is inserted in imaginary part of 0th item, default
value is 0 */
By default the N/2 output item is not calculated.
Table 9.
fft_real_split_float arguments
N
in
FFT length, tested for 128, 256, 512, 1024, 2048, 4096
y
in/out
pointer to the input/output vector of length N, vector must be double
word aligned
input: as input pass the output from the complex to complex float FFT
of half the length, data ordered x_Re(0) x_Im(0) x_Re(1) x_Im(1)...
x_Re(N/2-1) x_Im(N/2-1)
output memory layout:
X_Re(0) {0 or X_Re(N/2)} X_Re(1) X_Im(1) ... X_Re(N/2-1)
X_Im(N/2-1)
(Re - real part, Im - imaginary part)
wa
in
pointer to the wa vector of twiddle factors of length N/4+1, vector
must be double word aligned
memory layout:
wa_Re(0) wa_Im(0) wa_Re(1) wa_Im(1) ... wa_Re(N/4+1)
wa_Im(N/4+1)
Use predefined wa_table_float_N arrays.
The wa_table_float_N is computed according to this formula:
for k = 0, 1, ... N/4+1
, where i is the imaginary unit
wb
in
pointer to the wb vector of twiddle factors of length N/4+1, vector
must be double word aligned
memory layout:
wb_Re(0) wb_Im(0) wb_Re(1) wb_Im(1) ... wb_Re(N/4+1)
wb_Im(N/4+1)
Use predefined wb_table_float_N arrays.
The wb_table_float_N is computed according to this formula:
for k = 0, 1, ... N/4+1
, where i is the imaginary unit
wa k

1
2
--- 1iW
N
k


=
W
N
e
i
2
N
------
=
wb k

1
2
--- 1iW
N
k
+


=
W
N
e
i
2
N
------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com