Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0020 Datasheet(PDF) 36 Page - STMicroelectronics

Part # RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 32Page - STMicroelectronics RM0020 Datasheet HTML 33Page - STMicroelectronics RM0020 Datasheet HTML 34Page - STMicroelectronics RM0020 Datasheet HTML 35Page - STMicroelectronics RM0020 Datasheet HTML 36Page - STMicroelectronics RM0020 Datasheet HTML 37Page - STMicroelectronics RM0020 Datasheet HTML 38Page - STMicroelectronics RM0020 Datasheet HTML 39Page - STMicroelectronics RM0020 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
Function API
RM0020
36/69
6.17
conv3x3 - 2-D convolution with 3x3 kernel
Function call:
void conv3x3(unsigned char *a, unsigned char *b, signed char *c,
unsigned short M, unsigned short N, unsigned short
shift);
Arguments:
Description:
Computes the 2-D convolution on MxN input image using a 3x3 convolution kernel.
The computed convolution value is shifted by shift bits to the right and then range
limited to 0..255. The output image is of the same size as input image and has one
pixel border that is not computed. The first and the last row of output image is not
changed, the first column is zeroed and the last column will contain not meaningful
results. The last column can be zeroed when ZERO_LASTCOL is defined to 1 for the
penalty of one more instruction inside the inner loop. The ZERO_LASTCOL is a
symbol defined in function source file.
Algorithm:
a - input matrix, c - 3x3 convolution kernel, b - output matrix
1.
Compute 2-D convolution, i.e. for each i = 1,2 ... M-2, j = 1,2 ... N-2 compute bij:
Equation 34
Table 17.
conv3x3 arguments
a(1)
1.
a and b must be word aligned.
in
input image of size MxN
b(1)
out
output image of size MxN
c(2)
2.
c must be half word aligned and there must be 1 byte of readable memory behind c.
in
3x3 convolution kernel (mask)
M
in
number of rows of a and b, must be >= 3
N
in
number of columns of a and b, must be multiple of 4, must be >= 8
shift
in
number of bits result is shifted down
c
c
00
c
01
c
02
c
10
c
11
c
12
c
20
c
21
c
22
=
b
b
00
b
01
b
02
b
0N
1
–
b
10
b
11
b
12
b
1N
1
–
b
20
b
21
b
22
b
2N
1
–

b
M1
–
0 b M1
–
1 b M1
–
2  bM1N
–
1
–
=
a
a
00
a
01
a
02
a
0N
1
–
a
10
a
11
a
12
a
1N
1
–
a
20
a
21
a
22
a
2N
1
–

a
M1
–
0 a M1
–
1 a M1
–
2  aM1N
–
1
–
=
b
ij
a
ik
1
–
+
 jp 1
–
+
 c 2k
–
 2p
–

p0
=
2
k0
=
2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com