Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0020 Datasheet(PDF) 38 Page - STMicroelectronics

Part # RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 34Page - STMicroelectronics RM0020 Datasheet HTML 35Page - STMicroelectronics RM0020 Datasheet HTML 36Page - STMicroelectronics RM0020 Datasheet HTML 37Page - STMicroelectronics RM0020 Datasheet HTML 38Page - STMicroelectronics RM0020 Datasheet HTML 39Page - STMicroelectronics RM0020 Datasheet HTML 40Page - STMicroelectronics RM0020 Datasheet HTML 41Page - STMicroelectronics RM0020 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
Function API
RM0020
38/69
6.18
sobel3x3 - sobel filter
Function call:
void sobel3x3(unsigned char *a, unsigned char *b, unsigned short M,
unsigned short N);
Arguments:
Description:
Computes the sobel filter on MxN input image. The function adds together absolute
values of horizontal and vertical sobel filters and then limits output to 0..255. The
output image is of the same size as input image and has one pixel border that is not
computed. The first and the last row of output image is not changed, the first column
is zeroed and the last column will contain not meaningful results. The last column can
be zeroed when ZERO_LASTCOL is defined to 1 for the penalty of one more
instruction inside the inner loop. The ZERO_LASTCOL is a symbol defined in function
source file.
Algorithm:
1.
Compute horizontal sobel filter, i.e. compute 2-D convolution with the following kernel:
2.
Compute vertical sobel filter, i.e. compute 2-D convolution with the following kernel:
3.
Add absolute values of horizontal and vertical sobel filters
4.
Range limit to 0..255
Note: The input/output images must be properly aligned in memory as described in
Table 18.
Performance: See Section 7 and Table 49.
Example 18. sobel3x3
#include "libdsp2.h"
/* #pragma and ALIGN macros used to align to 4 bytes */
#ifdef __ghs__
#pragma alignvar (4)
Table 18.
sobel3x3 arguments
a(1)
1.
a and b must be word aligned.
in
input image of size MxN
b(1)
out
output image of size MxN
M
in
number of rows of a and b, must be >= 3
N
in
number of columns of a and b, must be multiple of 4, must be >= 8
G
y
1
–
2
–
1
–
000
120
=
G
x
1
– 01
2
– 02
1
– 01
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com