Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0020 Datasheet(PDF) 17 Page - STMicroelectronics

Part # RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 13Page - STMicroelectronics RM0020 Datasheet HTML 14Page - STMicroelectronics RM0020 Datasheet HTML 15Page - STMicroelectronics RM0020 Datasheet HTML 16Page - STMicroelectronics RM0020 Datasheet HTML 17Page - STMicroelectronics RM0020 Datasheet HTML 18Page - STMicroelectronics RM0020 Datasheet HTML 19Page - STMicroelectronics RM0020 Datasheet HTML 20Page - STMicroelectronics RM0020 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
RM0020
Function API
17/69
Description:
Computes the N-point radix-4 complex to complex frac16/frac32 in-place fast Fourier
transform (FFT). Input 2-bit reversed 16-bit fractional data are stored in second half of
inout_buffer, output 32-bit fractional data are written over the input data into
inout_buffer. There is used radix-4 FFT algorithm.
The output scaling is configurable by constant definition in the function source file:
.set
SCALING
1
#/* 0 - off, 1 - on */
By default it is turned on. The scaling is performed by dividing by 4 before each radix-
4 stage.
Algorithm:
Equation 3
for each n from 0 to N-1, scaled down by N if scaling is turned on
Equation 4
where i is the imaginary unit with the property that:
.
Note: There must be at least 32 bytes of readable memory behind inout_buffer.
Performance: See Section 7 and Table 35.
Example 4. fft_radix4_frac32
#include "libdsp2.h"
int inout_buffer[2*256];
void main() {
/* bit reverse permutation and calculation of 256-point FFT */
bitrev_table_16bit(16, (short *)(inout_buffer+256),
seed_radix4_16bit_256);
fft_radix4_frac32(256, inout_buffer,
w_table_radix4_frac32_256);
}
twiddle_factor_table in
pointer to the vector of twiddle factors of length 3*N/2-4, vector
must be double word aligned
memory layout:
w_Re(0) w_Im(0) w_Re(1) w_Im(1) ... w_Re(3*N/4-3)
w_Im(3*N/4-3)
Use predefined w_table_radix4_frac32_N arrays.
The w_table_radix4_frac32_N is computed according to this
formula:
for k = 0, 1, ... 3*N/4-3
Table 4.
fft_radix4_frac32 arguments (continued)
w_Re k
 iw_Im k

+
w
N
k
=
Xn

xk
 w
N
nk
k0
=
N1
–
=
w
N
e
2
i
N
--------
–
=
i
2
1
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com