Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0020 Datasheet(PDF) 20 Page - STMicroelectronics

Part # RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 16Page - STMicroelectronics RM0020 Datasheet HTML 17Page - STMicroelectronics RM0020 Datasheet HTML 18Page - STMicroelectronics RM0020 Datasheet HTML 19Page - STMicroelectronics RM0020 Datasheet HTML 20Page - STMicroelectronics RM0020 Datasheet HTML 21Page - STMicroelectronics RM0020 Datasheet HTML 22Page - STMicroelectronics RM0020 Datasheet HTML 23Page - STMicroelectronics RM0020 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
Function API
RM0020
20/69
By default it is turned on. The scaling is performed by dividing by 4 before each pair of
radix-2 stages.
Algorithm:
Equation 7
for each n from 0 to N-1, scaled down by N if scaling is turned on
Equation 8
where i is the imaginary unit with the property that:
.
Note: There must be at least 16 bytes of readable memory behind inout_buffer.
Performance: See Section 7 and Table 36.
Example 6. fft_quad_frac32
#include "libdsp2.h"
int inout_buffer[2*256];
void main() {
/* bit reverse permutation and calculation of 256-point FFT */
bitrev_table_16bit(16, (short *)(inout_buffer+256),
seed_radix2_16bit_256);
fft_quad_frac32(256, inout_buffer, w_table_radix2_frac32_256);
}
6.7
Last stage of N-point radix-2 complex to complex float in-
place FFT
Function call:
void fft_radix2_last_stage_float(unsigned int N, float
*inout_buffer,
float *twiddle_factor_table);
Arguments:
Xn

xk
 w
N
nk
k0
=
N1
–
=
w
N
e
2
i
N
--------
–
=
i
2
1
–
=
Table 7.
fft_radix2_last_stage_float arguments
N
in
FFT length, tested for 128, 512, 2048
inout_buffer
in/ou
t
pointer to the input/output vector of length 2*N, vector must be
double word aligned
memory layout:
x_Re(0) x_Im(0) x_Re(1) x_Im(1) ... x_Re(N-1) x_Im(N-1)
(Re - real part, Im - imaginary part)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com