Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0020 Datasheet(PDF) 19 Page - STMicroelectronics

Part # RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 15Page - STMicroelectronics RM0020 Datasheet HTML 16Page - STMicroelectronics RM0020 Datasheet HTML 17Page - STMicroelectronics RM0020 Datasheet HTML 18Page - STMicroelectronics RM0020 Datasheet HTML 19Page - STMicroelectronics RM0020 Datasheet HTML 20Page - STMicroelectronics RM0020 Datasheet HTML 21Page - STMicroelectronics RM0020 Datasheet HTML 22Page - STMicroelectronics RM0020 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 69 page
background image
RM0020
Function API
19/69
void main() {
/* bit reverse permutation and calculation of 256-point FFT */
bitrev_table_32bit(16, inout_buffer, seed_radix2_32bit_256);
fft_quad_float(256, inout_buffer, w_table_radix2_float_256);
}
6.6
N-point quad radix-2 complex to complex frac16/frac32 in-
place FFT
Function call:
void fft_quad_frac32(unsigned int N, int *inout_buffer,
int *twiddle_factor_table);
Arguments:
Description:
Computes the N-point quad radix-2 complex to complex frac16/frac32 in-place fast
Fourier transform (FFT). Input bit reversed 16-bit fractional data are stored in second
half of inout_buffer, output 32-bit fractional data are written over the input data into
inout_buffer. There is used radix-2 algorithm in which two stages are calculated in
one loop (quad butterfly).
The output scaling is configurable by constant definition in the function source file:
.set
SCALING
1
#/* 0 - off, 1 - on */
Table 6.
fft_quad_frac32 arguments
Nin
FFT length, must be even power of two, tested for 64, 256,
1024, 4096
inout_buffer
in/out
pointer to the input/output vector of length 2*N, vector must be
double word aligned
input data alignment:
16-bit fractional input data in range -1 to 1-2^-15 are stored in
second half of inout_buffer in order real, imag, real imag, .....
0, 0, 0, 0, ... x_Re(0) x_Im(0), x_Re(1) x_Im(1), ... x_Re(N-1)
x_Im(N-1),
output data alignment:
32-bit fractional output data in range -1 to 1-2^-31 are stored:
X_Re(0) X_Im(0) X_Re(1) X_Im(1) ... X_Re(N-1) X_Im(N-1)
(Re - real part, Im - imaginary part)
twiddle_factor_table in
pointer to the vector of twiddle factors of length N, vector must
be double word aligned
memory layout:
w_Re(0) w_Im(0) w_Re(1) w_Im(1) ... w_Re(N/2-1) w_Im(N/2-
1)
Use predefined w_table_radix2_frac32_N arrays.
The w_table_radix2_frac32_N is computed according to this
formula:
for k = 0, 1, ... N/2-1
w_Re k
 iw_Im k

+
w
N
k
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com