Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0020 Datasheet(PDF) 61 Page - STMicroelectronics

Part # RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 57Page - STMicroelectronics RM0020 Datasheet HTML 58Page - STMicroelectronics RM0020 Datasheet HTML 59Page - STMicroelectronics RM0020 Datasheet HTML 60Page - STMicroelectronics RM0020 Datasheet HTML 61Page - STMicroelectronics RM0020 Datasheet HTML 62Page - STMicroelectronics RM0020 Datasheet HTML 63Page - STMicroelectronics RM0020 Datasheet HTML 64Page - STMicroelectronics RM0020 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 69 page
background image
RM0020
Performance
61/69
The number of clock cycles for third function call of the frac16/frac32 FFTs without scaling is
the same as for respective float FFT plus N/8.
1.
The clock cycles include bit reversing by bitrev_table_16bit and FFT computation by fft_quad_frac32 function. w_table in
internal flash, seed_table in internal flash.
2.
N is FFT length.
Table 37.
Radix-2 complex to complex frac32 in-place FFT, scaling on(1)
N(2)
First function
call [clock
cycles]
Second function
call [clock
cycles]
Third function
call [clock
cycles]
Improvement to
C function [-]
IPC
[-]
128
6763
6270
6261
-
0.98
512
32312
31060
31043
-
0.99
2048
156208
151037
149960
-
0.99
1.
The clock cycles include bit reversing by bitrev_table_16bit and FFT computation by fft_quad_frac32 function and
fft_radix2_last_stage_frac32 function. w_table in internal flash, seed_table in internal flash.
2.
N is FFT length.
Table 38.
Real to complex float in-place FFT (N odd power of two)(1)
N(2)
First function
call [clock
cycles]
Second function
call [clock
cycles]
Third function
call [clock
cycles]
Improvement to
C function [-]
IPC
[-]
128
3659
3258
3233
2.3
0.97
512
16522
15384
15251
2.3
0.98
2048
76073
72880
71331
2.2
0.99
1.
The clock cycles include bit reversing by bitrev_table_32bit and FFT computation by fft_radix4_float function and
fft_real_split_float function. w_table in internal flash, seed_table in internal flash, wa_table and wb_table in internal flash.
N2_REALPART set to 0.
2.
N is FFT length.
Table 39.
Real to complex float in-place FFT (N even power of two)(1)
N(2)
First function
call [clock
cycles]
Second function
call [clock
cycles]
Third function
call [clock
cycles]
Improvement to
C function [-]
IPC
[-]
256
8288
7615
7593
2.1
0.98
1024
37929
35826
35607
2.0
0.99
4096
176668
173279
172939
1.9
0.95
1.
The clock cycles include bit reversing by bitrev_table_32bit and FFT computation by fft_quad_float function,
fft_radix2_last_stage_float function and fft_real_split_float function. w_table in internal flash, seed_table in internal flash,
wa_table and wb_table in internal flash. N2_REALPART set to 0.
2.
N is FFT length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com