Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0020 Datasheet(PDF) 64 Page - STMicroelectronics

Part # RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 60Page - STMicroelectronics RM0020 Datasheet HTML 61Page - STMicroelectronics RM0020 Datasheet HTML 62Page - STMicroelectronics RM0020 Datasheet HTML 63Page - STMicroelectronics RM0020 Datasheet HTML 64Page - STMicroelectronics RM0020 Datasheet HTML 65Page - STMicroelectronics RM0020 Datasheet HTML 66Page - STMicroelectronics RM0020 Datasheet HTML 67Page - STMicroelectronics RM0020 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
Performance
RM0020
64/69
Note:
The number of clock cycles for third function call for N greater than or equal 42 is
num_of_cycles = 609+((N-2)/8-5)*102 (609 is number of clock cycles for N = 42 and 102 is
number of instructions in the loop).
Note:
The number of clock cycles for third function call for N greater than or equal 18 is
num_of_cycles = 91+((N-2)/4-4)*16 (91 is number of clock cycles for N = 18 and 16 is
number of instructions in the loop).
Note:
The number of instructions executed is 76+(M-2)*(39+53*(N-4)/4).
Table 46.
mfb50_pmh - pressure sensing function 1
N(1)
First function
call [clock
cycles]
Second function
call [clock
cycles]
Third function
call [clock
cycles]
Improvement to
C function [-]
IPC
[-]
18
390
308
301
2.9
0.96
26
488
407
407
3.1
0.96
34
598
507
507
3.3
0.97
42
693
609
609
3.3
0.97
362
4999
4702
4689
3.7
1.00
722
9812
9301
9279
3.7
1.00
1.
N is length of P_MFB and V vectors.
Table 47.
mfb50_index - pressure sensing function 2
N(1)
First function
call [clock
cycles]
Second function
call [clock
cycles]
Third function
call [clock
cycles]
Improvement to
C function [-]
IPC
[-]
18
128
91
91
2.5
0.95
26
157
123
123
2.7
0.96
34
191
155
155
2.9
0.97
42
225
187
187
3.0
0.97
362
1585
1467
1467
3.4
1.00
722
3116
2907
2907
3.5
1.00
1.
N is length of MFB vector.
Table 48.
conv3x3 - 2-D convolution with 3x3 kernel(1)
MxN(2)
First function
call [clock
cycles]
Second function
call [clock
cycles]
Third function
call [clock
cycles]
Improvement to
C function [-]
IPC
[-]
16x8
1453
1401
1399
3.0
0.97
8x16
1367
1320
1318
3.0
0.96
10x16
1767
1719
1717
3.1
0.97
32x32
12584
12484
12477
3.3
0.99
1.
All measurements executed with convolution kernel c placed in internal RAM.
2.
MxN is size of input and output matrix (M is number of rows).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com