Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0020 Datasheet(PDF) 33 Page - STMicroelectronics

Part # RM0020
Description  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 29Page - STMicroelectronics RM0020 Datasheet HTML 30Page - STMicroelectronics RM0020 Datasheet HTML 31Page - STMicroelectronics RM0020 Datasheet HTML 32Page - STMicroelectronics RM0020 Datasheet HTML 33Page - STMicroelectronics RM0020 Datasheet HTML 34Page - STMicroelectronics RM0020 Datasheet HTML 35Page - STMicroelectronics RM0020 Datasheet HTML 36Page - STMicroelectronics RM0020 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
RM0020
Function API
33/69
Arguments:
Description:
Pressure sensing function 1. The function is used for in-cylinder pressure sensor
management. For each cylinder and every engine revolution, there is calculated the
mass fraction burned function (MFB), MFB50 value and PMH torque index. As inputs
there are used vector of in-cylinder pressure values P_MFB, vector of cylinder volume
values V, and constant K. The function returns the MFB50 value, mass fraction
burned function (MFB) is returned in P_MFB vector and PMH index in a variable
addresses by PMH pointer.
Algorithm:
Calculation of MFB and MFB50 value:
1.
Aquisition of in-cylinder pressure at any sampling position
[i] (aquisition window
ranges from -180
 before TDC to 180 after TDC): P[0] P[1] ... P[N-1]
2.
Calculation of cylinder volume V[i] at any sampling position
[i], V[i] can be
precalculated and stored in a calibration vector: V[0] V[1] ... V[N-1]
3.
Calculation of heat release rate (QIST), (supposed delta
 is constant e.g. 0,5), for
each i = 1,2 ... N-2:
Equation 29
Note: The function calculates the heat release rate without multiplication with constant
in both QV and QP equations.
4.
Calculation of mass fraction burned MFB (integration of heat release rate), initial
condition is MFB[1] = 0, then for each i = 2,3...N-2:
Equation 30
Note: The function calculates the mass fraction burned without multiplication with constant
.
Table 15.
mfb50_pmh arguments
Nin
length of pressure vector P_MFB and volume vector V, N-2 must be
multiple of 8, N must be greater than or equal to 18
P_MFB(1)
1.
Both pressure and volume vector must be double word aligned.
in/out
pointer to the input pressure vector of length N, input memory layout
is P(0) P(1) ... P(N-1), output memory layout is MFB(1) MFB(2) ...
MFB(N-2) MFB(N-1) 0
V(1)
in
pointer to the input volume vector of length N, memory layout is V(0)
V(1) ... V(N-1)
K
in
constant related to engine setup
PMH
out
pointer to variable where PMH index is returned
QV
K P i
 Vi 1
+
 Vi 1
–

–
K1
–
 2

----------------------------------------------

=
QP
V i
 Pi 1
+
 Pi 1
–

–
K1
–
 2

----------------------------------------------
=
QIST i

QV
QP
+
=
1
K1
–
 2

-------------------------------------
MFB i

MFB i
1
–

QIST i
 QIST i 1
–

+

2
------
+
=
2
------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com