Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2021 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2021
Description  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 5Page - STMicroelectronics AN2021 Datasheet HTML 6Page - STMicroelectronics AN2021 Datasheet HTML 7Page - STMicroelectronics AN2021 Datasheet HTML 8Page - STMicroelectronics AN2021 Datasheet HTML 9Page - STMicroelectronics AN2021 Datasheet HTML 10Page - STMicroelectronics AN2021 Datasheet HTML 11Page - STMicroelectronics AN2021 Datasheet HTML 12Page - STMicroelectronics AN2021 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
AN2021
Modified features
9/39
Software impact
In case the optional 32 kHz is not used, the OFF32 bit of the RTCCON register must be set.
Prior to setting the OFF32 bit in the RTCCON register, the RTC must be enabled by setting
RTCEN, bit 4 of XPERCON, and XPEN, bit 2 of SYSCON.
1.2
XRAM
The ST10F272B and ST10F272E devices do not have the same size of XRAM. Each
configuration is detailed hereafter.
1.2.1
ST10F272B’s XRAM
The ST10F269 and the ST10F272B have the same size of extension XRAM: 10 Kbytes.
The XRAM of the ST10F269 is divided into two ranges being XRAM1 of 2 Kbytes and
XRAM2 of 8 Kbytes:
The XRAM1 address range is 00’E000h - 00’E7FFh if enabled (XPEN and XRAM1EN,
bit 2 of SYSCON register and of XPERCON register, respectively, must both be set).
The XRAM2 address range is 00’C000h - 00’DFFFh if enabled (XPEN and XRAM2EN,
bit 2 of SYSCON register and bit 3 of XPERCON register, respectively, must both be
set).
The XRAM of the ST10F272 is divided into two ranges, XRAM1 of 2 Kbytes (compatible with
the ST10F269) and XRAM2 of 8 Kbytes with a user re-programmable address range and
the StandBy mode.
The XRAM1 address range is 00’E000h - 00’E7FFh if enabled (XPEN and XRAM1EN,
bit 2 of SYSCON register and bit 2 of XPERCON register must both be set).
The XRAM2 address range is 09’0000h - 09’1FFFh, by default (mirrored every
16 Kbytes in the range 09’0000h -0F’FFFFh), if enabled (XPEN and XRAM2EN, bit 2 of
SYSCON register and bit 3 of XPERCON register, must both be set).
Hardware impact
None.
Software impact
There is no change in the enabling of the XRAM blocks: XPERCON register bits, XRAM1EN
and XRAM2EN, and SYSCON register bit, XPEN, are used to enable them.
The memory mapping of the application is impacted by the difference in XRAM2 location. A
new register has been created in order to allow the user to remap XRAM2 (please refer to
Section 4.1: XADRS3 register on page 28 for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com