Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2021 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN2021
Description  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 31Page - STMicroelectronics AN2021 Datasheet HTML 32Page - STMicroelectronics AN2021 Datasheet HTML 33Page - STMicroelectronics AN2021 Datasheet HTML 34Page - STMicroelectronics AN2021 Datasheet HTML 35Page - STMicroelectronics AN2021 Datasheet HTML 36Page - STMicroelectronics AN2021 Datasheet HTML 37Page - STMicroelectronics AN2021 Datasheet HTML 38Page - STMicroelectronics AN2021 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
Revision history
AN2021
38/39
7
Revision history
Table 22.
Revision history
Date
Revision
Changes
November 2004
1
First Issue with the 2 devices in the same document
Previously 2 separate documents for ST10F272B and
ST10F272E (last version December 2003)
24-Jan-2007
2
Converted to new ST template
Chapter on page 1: Minor editing changes
Changed presentation of registers throughout document
Section 1.4.3: Software impact: Changed name of bit 11 from
ADCTC to ADCRQ
Table 8 on page 15: Added bit name ADC Multiplexer to
function field of bit ADCMUX
Table 9 on page 16: Changed OSC reset value from “U” to “0”
Section 1.7: Port input control: Replaced ST10F276 with
ST10F272 in register name
Section 1.9: PLL and main on-chip oscillator: Modified
Section 5: Electrical characteristics: Added note explaining
symbols CC and SR used in tables
Section 6: Referenced documents: Modified
Updated disclaimer (last page) to include a mention about the
use of ST products in automotive applications
24-Sep-2013
3
Updated Disclaimer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com