Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2021 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2021
Description  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 18Page - STMicroelectronics AN2021 Datasheet HTML 19Page - STMicroelectronics AN2021 Datasheet HTML 20Page - STMicroelectronics AN2021 Datasheet HTML 21Page - STMicroelectronics AN2021 Datasheet HTML 22Page - STMicroelectronics AN2021 Datasheet HTML 23Page - STMicroelectronics AN2021 Datasheet HTML 24Page - STMicroelectronics AN2021 Datasheet HTML 25Page - STMicroelectronics AN2021 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
New features
AN2021
22/39
2.2.1
Hardware impact
None.
2.2.2
Software impact
None if only CLKOUT is needed.
When the CLKOUT function is enabled by setting the CLKEN bit in the SYSCON register, by
default the CPU clock is output on P3.15.
To have access to the XCLKOUTDIV register, and thus to program the clock pre-scaling
factor, the XMISCEN bit in the XPERCON register and the XPEN bit in the SYSCON
register must be set.
2.3
New multiplexer for X-Interrupts
The limited number of XBus interrupt lines of the present ST10 architecture imposes some
constraints on the implementation of the new functionalities. In particular, the additional
XPeripherals XSSC, XASC, XI2C and XPWM need some resources to implement interrupt
and PEC transfer. For this reason, a complex but very flexible multiplexed structure for the
interrupt is proposed. In Figure 2, the principle is represented through a simple diagram,
which shows the basic structure replicated for each of the four X-interrupt vectors (XP0INT,
XP1INT, XP2INT and XP3INT).
It is based on a new 16-bit register XIRxSEL (x = 0,1,2,3), divided into 2 bytes:
Higher Byte (XIRxSEL[15:8]) Interrupt Enable bits
Lower Byte (XIRxSEL[7:0]) Interrupt Flag bits
Figure 2.
X-Interrupt basic structure
When different sources submit an interrupt request, the enable bits (Byte High of XIRxSEL
register) define a mask which controls which sources will be associated with the unique
available vector. If more than one source is enabled to issue the request, the service routine
has to identify the real event to be serviced. This can easily be done by checking the flag
XIRxSEL[7:0] (x = 0, 1, 2, 3)
XIRxSEL[15:8] (x = 0, 1, 2, 3)
XPxIC.IR (x = 0, 1, 2, 3)
70
15
8
IT Source 7
IT Source 6
IT Source 5
IT Source 4
IT Source 3
IT Source 2
IT Source 1
IT Source 0
Enable[7:0]
Flag[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com