Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2021 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2021
Description  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 13Page - STMicroelectronics AN2021 Datasheet HTML 14Page - STMicroelectronics AN2021 Datasheet HTML 15Page - STMicroelectronics AN2021 Datasheet HTML 16Page - STMicroelectronics AN2021 Datasheet HTML 17Page - STMicroelectronics AN2021 Datasheet HTML 18Page - STMicroelectronics AN2021 Datasheet HTML 19Page - STMicroelectronics AN2021 Datasheet HTML 20Page - STMicroelectronics AN2021 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
AN2021
Modified features
17/39
Example for RTCSIR flag
Replace ST10F269 code:
RTCCON &= 0xFFFE;// Clear RTCSIR flag
by the following code for ST10F272:
RTCCON |= 0x0001;// Write 1 into RTCSIR flag to clear it
1.6
CAN modules
The ST10F269 has two CAN modules of the B-CAN type.
The ST10F272 has two CAN modules of the C-CAN type. These modules are functionally
compatible with the modules of the ST10F269.
The C-CAN cells provide additional Message Objects and new functionalities. The main
difference is that the Message Objects are no longer directly accessed as memory but are
available through a Message Interface. This changes the programming model of the
modules.
1.6.1
Hardware impact
None.
1.6.2
Software impact
Rewrite the CAN drivers.
1.7
Port input control
In the ST10F269, the Port Input Control register PICON is used to select between TTL and
CMOS-like input thresholds. The CMOS-like input thresholds are defined above the TTL
levels and feature a hysteresis of 250mV to prevent the inputs from toggling while the
respective input signal level is near the thresholds. This feature is available for all pins of
Port 2, Port 3, Port4, Port 7 and Port 8.
In the ST10F272, Port 6 has been added. Moreover, the default hysteresis is now 500mV for
TTL levels and 800mV for CMOS levels.
ST10F269: PICON (F1C4h / E2h)
ESFR
Reset value: --00h
15
14
13
12
11
10
98765
4321
0
Reserved
P8
LIN
P7
LIN
Res.
P4
LIN
P3
HIN
P3
LIN
P2
HIN
P2
LIN
-
R/W
R/W
-
R/W
R/W
R/W
R/W
R/W
ST10F272: PICON (F1C4h / E2h)
ESFR
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
P8
LIN
P7
LIN
P6
LIN
P4
LIN
P3
HIN
P3
LIN
P2
HIN
P2
LIN
-
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com