Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2021 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2021
Description  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 17Page - STMicroelectronics AN2021 Datasheet HTML 18Page - STMicroelectronics AN2021 Datasheet HTML 19Page - STMicroelectronics AN2021 Datasheet HTML 20Page - STMicroelectronics AN2021 Datasheet HTML 21Page - STMicroelectronics AN2021 Datasheet HTML 22Page - STMicroelectronics AN2021 Datasheet HTML 23Page - STMicroelectronics AN2021 Datasheet HTML 24Page - STMicroelectronics AN2021 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
AN2021
New features
21/39
2
New features
2.1
Additional XPeripherals
Some peripherals have been added to the ST10F272. They are mapped on the XBus and
are linked to additional alternate functions of some ports of the ST10F272.
The additional XPeripherals are the following:
A second SSC (SSC of ST10F269 becomes SSC0, while the new one is referred to as
XSSC or simply SSC1). Note that some restrictions and functional differences due to
the XBus peculiarities are present between the standard SSC, and the new XSSC.
A second ASC (ASC0 of ST10F269 remains ASC0, while the new one is referred to as
XASC or simply as ASC1). Note that some restrictions and functional differences due
to the XBus peculiarities are present between the standard ASC, and the new XASC.
An I2C interface is added (see X-I2C or simply I2C interface).
In addition to the previous XPeripherals, the ST10F272E also features a second PWM
(PWM of ST10F269 becomes PWM0, while the new one is referred to as XPWM or simply
as PWM1). Note that some restrictions and functional differences due to the XBus
peculiarities are present between the standard PWM, and the new XPWM.
2.1.1
Hardware impact
None if the additional XPeripherals are not used.
2.1.2
Software impact
None if the additional Peripherals are not used. As they are XPeripherals, they can be
enabled / disabled via the XPERCON and SYSCON registers. By default, the settings of
XPERCON and SYSCON are compatible with the ST10F269.
2.2
Programmable divider on CLKOUT
A specific register mapped on the XBus is used to choose the division factor on the
CLKOUT signal (P3.15).
XCLKOUTDIV (E902h)
XBUS
Reset value: --00h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
DIV
-R/W
Table 12.
XCLKOUTDIV register description
Bit
Function
DIV
fclkout = fCPU / (DIV + 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com