Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2021 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2021
Description  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 15Page - STMicroelectronics AN2021 Datasheet HTML 16Page - STMicroelectronics AN2021 Datasheet HTML 17Page - STMicroelectronics AN2021 Datasheet HTML 18Page - STMicroelectronics AN2021 Datasheet HTML 19Page - STMicroelectronics AN2021 Datasheet HTML 20Page - STMicroelectronics AN2021 Datasheet HTML 21Page - STMicroelectronics AN2021 Datasheet HTML 22Page - STMicroelectronics AN2021 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
AN2021
Modified features
19/39
running in Power Down mode and the on-chip main oscillator clock is used as the
reference.
●
When the PLL is used, the CPU frequency range is 16 to 64 MHz.
Figure 1: ST10F272 clock generation diagram gives a simplified description of the CPU
clock generation. Depending on the multiplication factor selected via Port0 at reset, values
are set for each stage. The CPU clock is in fact generated mainly from a VCO with the
following characteristics:
●
input range: 1 to 3.5 MHz, which explains the Prescaler that divides the XTAL
frequency
●
output range: 64 to 128 MHz that is then divided through Divider1 to generate the CPU
clock
Figure 1.
ST10F272 clock generation diagram
Table 11: ST10F269 vs ST10F272 PLL ratio lists the new PLL multiplication factors and the
corresponding frequency ranges for the ST10F272.
Table 11.
ST10F269 vs ST10F272 PLL ratio
P0.15-13
(P0H.7-5)
PLL multiplication factor
ST10F272 main oscillator
ST10F269
ST10F272
Input range
(MHz)
CPU clock range
(MHz)
1
1
1
x 4
x 4
4 to 8
16 to 32
1
1
0
x 3
x 3
5.34 to 8
16.02 to 24
1
0
1
x 2
x 8
4 to 8
32 to 64
1
0
0
x 5
x 5
6.4 to 8
32 to 40
0
1
1
x 1
x 1
1 to 64
1 to 64
0
1
0
x 1.5
x 10
4 to 6.4
40 to 64
0
0
1
x 0.5
x 0.5
4 to 8
2 to 4
0
0
0
x 2.5
x 16
4
64
Prescaler
VCO
Divider1
fCPU
Divider2
Phase Comparator
fXTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com