Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2021 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN2021
Description  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 30Page - STMicroelectronics AN2021 Datasheet HTML 31Page - STMicroelectronics AN2021 Datasheet HTML 32Page - STMicroelectronics AN2021 Datasheet HTML 33Page - STMicroelectronics AN2021 Datasheet HTML 34Page - STMicroelectronics AN2021 Datasheet HTML 35Page - STMicroelectronics AN2021 Datasheet HTML 36Page - STMicroelectronics AN2021 Datasheet HTML 37Page - STMicroelectronics AN2021 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
Electrical characteristics
AN2021
34/39
5.2
AC characteristics at 40 MHz
As the two devices have a different technology, the I/Os also present some differences in the
AC behavior. The tables below (Table 20 and Table 21) list all the timing differences. Please
check carefully your design for possible impact.
5.2.1
External memory bus timings
Note that for CPU clock frequencies above 40 MHz, some numbers in the timing formulas
become zero or negative, that in most of the cases is not acceptable or not meaningful at all.
In these cases, it is necessary to reduce the speed of the bus setting properly tA (ALE
extension), tC (Memory Cycle Time wait-states) and tF (Memory tri-state time).
VOLCC
Output low
voltage
–
Port0, Port1, Port4,
ALE, RD, WR, BHE,
CLKOUT, RSTOUT
0.45 / IOL =
2.4mA
–
Port6, ALE,
CLKOUT, WR,
READY, BHE, RD,
RSTOUT, RSTIN
0.4 / IOL = 8mA
0.05 / IOL = 1mA
V
VOL1CC
Output low
voltage (all
other)
–0.45 / IOL =
2.4mA
–0.4 / IOL =4mA
0.05 /
IOL =0.5mA
V
VOHCC
Output high
voltage
0.9VDD /IOH =
-0.5mA
2.4 / IOH = -2.4mA
–
Port0, Port1,
Port4, RD, ALE,
BHE, WR,
CLKOUT,
RSTOUT
VDD - 0.8 / IOH =
-8mA
VDD - 0.08/ IOH =
-1mA
–
Port6, ALE,
CLKOUT, WR,
READY, BHE,
RD, RSTOUT,
RSTIN
V
VOH1CC
Output high
voltage (all
other)
0.9VDD /IOH =
-0.25mA
2.4 / IOH = -1.6mA
–
VDD - 0.8 / IOH =
-4mA
VDD -0.08/IOH =
-0.5mA
–V
IOZ1CC
Input leakage
current (Port 5)
–
±0.5
–
±0.2
µA
IOZ2CC
Input leakage
current (all other
inputs)
–±1
–
±0.5
µA
Table 19.
DC characteristics (continued)
Symbol
Parameter
ST10F269 Limit values
ST10F272 Limit values
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com