Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2021 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2021
Description  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 6Page - STMicroelectronics AN2021 Datasheet HTML 7Page - STMicroelectronics AN2021 Datasheet HTML 8Page - STMicroelectronics AN2021 Datasheet HTML 9Page - STMicroelectronics AN2021 Datasheet HTML 10Page - STMicroelectronics AN2021 Datasheet HTML 11Page - STMicroelectronics AN2021 Datasheet HTML 12Page - STMicroelectronics AN2021 Datasheet HTML 13Page - STMicroelectronics AN2021 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Modified features
AN2021
10/39
1.2.2
ST10F272E’s XRAM
The ST10F269 has 10 Kbytes of extension RAM whereas the ST10F272E has 18 Kbytes.
The XRAM of the ST10F269 is divided into two ranges being XRAM1 of 2 Kbytes and
XRAM2 of 8 Kbytes:
●
The XRAM1 address range is 00’E000h - 00’E7FFh if enabled.
●
The XRAM2 address range is 00’C000h - 00’DFFFh if enabled.
The XRAM of the ST10F272E is divided into two ranges being XRAM1 of 2 Kbytes
(compatible with the ST10F269) and XRAM2 of 16 Kbytes with a user reprogrammable
address range:
●
The XRAM1 address range is 00’E000h - 00’E7FFh if enabled (XPEN and XRAM1EN,
bit 2 of SYSCON register and bit 2 of XPERCON register, respectively, must be set).
●
The XRAM2 address range is 09’0000h - 09’3FFFh, by default (mirrored every
16 Kbytes in the range 09’0000h -0F’FFFFh), if enabled (XPEN and XRAM2EN, bit 2 of
SYSCON register and bit 3 of XPERCON register, respectively, must be set).
Hardware impact
None.
Software impact
There is no change in the enabling of the XRAM blocks: XPERCON register bits, XRAM1EN
and XRAM2EN, and SYSCON register bit, XPEN, are used to enable them.
The memory mapping of the application is impacted by the difference in XRAM size and by
the location of XRAM2. A new register has been created in order to allow the user to remap
the XRAM2 (please refer to Section 4.1: XADRS3 register on page 28 for details).
1.3
Flash EEPROM
Table 2.
Flash memory key characteristics
Characteristic
ST10F269
ST10F272
Flash size
256 Kbytes
256 Kbytes
Flash organization
7 blocks
8 blocks
Programming voltage
5 volts
5 volts
Programming method
Write/Erase Controller
Write/Erase Controller
Program / Erase cycles
100000 cycles
100000 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com