Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2021 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2021
Description  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 10Page - STMicroelectronics AN2021 Datasheet HTML 11Page - STMicroelectronics AN2021 Datasheet HTML 12Page - STMicroelectronics AN2021 Datasheet HTML 13Page - STMicroelectronics AN2021 Datasheet HTML 14Page - STMicroelectronics AN2021 Datasheet HTML 15Page - STMicroelectronics AN2021 Datasheet HTML 16Page - STMicroelectronics AN2021 Datasheet HTML 17Page - STMicroelectronics AN2021 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Modified features
AN2021
14/39
Note:
The VAREF pin is also used as a supply pin for the ADC module. As there is a higher current
sink on this pin on the ST10F272 compared to the ST10F269, it is recommended not to
connect a resistor (for example, because of an RC filter), to prevent creating an offset in the
reference.
1.4.3
Software impact
Self-calibration and ADC initialization routine
An automatic self-calibration adjusts the ADC module to process parameter variations at
each reset event. After reset, the busy flag (read-only) ADBSY is set because the self-
calibration is ongoing. The duration of self-calibration depends on the CPU clock: It may
take up to 40.629 ± 1 clock pulses. The user must poll this bit to know when self-calibration
is complete in order to initialize the ADC module.
This self-calibration is seen by the ST10F272 as a conversion and thus bit ADCIR is set.
The software should perform a dummy read of the ADDAT register and clear the ADCIR and
ADCEIR flags before configuring the ADC module and starting the first conversion.
New bit ADOFF, bit 6 of ADCON register
The bit 6 of the ADCON register, reserved in previous ST10 devices, is now used to enable
and disable the ADC. By default this bit is cleared and the ST10F272 is compatible with the
ST10F269. Therefore, there is no impact on the software, provided that this bit is not written
to.
IAREF
Reference supply
current
Running mode
Power-down mode
-
-
500
1
-
-
5000
1
µA
µA
DNL
Differential nonlinearity
-0.5
+0.5
-1
+1
LSB
INL
Integral nonlinearity
-1.5
+1.5
-1.5
+1.5
LSB
OFS
Offset error
-1.0
+1.0
-1.5
+1.5
LSB
Table 6.
ADC differences (continued)
Symbol
Parameter
Limit values for ST10F269
Limit values for ST10F272
Unit
Min
Max
Min
Max
ADCON (FFA0h / A0h)
SFR
Reset value: 0000h
15
14
13
12
11
10
9
8
765
4321
0
ADCTC
ADSTC
AD
CRQ
AD
CIN
AD
WR
AD
BSY
AD
ST
AD
OFF
ADM
ADCH
R/W
R/W
R/W
R/W
R/W
RO
R/W
R/W
R/W
R/W
Table 7.
ADCON register description
Bit
Function
Comment
ADOFF
ADC Disable
0: Analog circuitry of A/D converter is on
1: Analog circuitry of A/D converter is turned off
New bit valid only for the ST10F272.
Reserved on ST10F269.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com