Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2021 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2021
Description  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 7Page - STMicroelectronics AN2021 Datasheet HTML 8Page - STMicroelectronics AN2021 Datasheet HTML 9Page - STMicroelectronics AN2021 Datasheet HTML 10Page - STMicroelectronics AN2021 Datasheet HTML 11Page - STMicroelectronics AN2021 Datasheet HTML 12Page - STMicroelectronics AN2021 Datasheet HTML 13Page - STMicroelectronics AN2021 Datasheet HTML 14Page - STMicroelectronics AN2021 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
AN2021
Modified features
11/39
1.3.1
Hardware impact
None.
1.3.2
Software impact
As the first 32 Kbytes of Flash memory are now divided into four sectors of 8 Kbytes each in
the ST10F272 whereas the ST10F269 had only three sectors, the mapping of the
application is impacted.
Moreover, the Flash memory Write/Erase controller is different and therefore the
programming routines must be updated.
When the bit ROMEN of the SYSCON register is set, that is, when the internal Flash
memory is enabled, accesses to the address range 05’0000h - 07’FFFFh are not redirected
to external memory. The linker-locator configuration of the toolchain should be checked in
order to prevent any use of this memory range.
Table 3.
Flash memory mapping
Segment
ST10F269 Flash mapping
ST10F272 Flash mapping
8
08’0000-08’FFFF
External memory
08’0000-08’FFFF
Flash registers
7..5
05’0000-07’FFFF
External memory
05’0000-07’FFFF
Reserved
4
04’0000-04’FFFF
Block6: 64 Kbytes
04’0000-04’FFFF
Block7: 64 Kbytes
3
03’0000-03’FFFF
Block5: 64 Kbytes
03’0000-03’FFFF
Block6: 64 Kbytes
2
02’0000-02’FFFF
Block4: 64 Kbytes
02’0000-02’FFFF
Block5: 64 Kbytes
1
01’8000-01’FFFF
Block3: 32 Kbytes
01’8000-01’FFFF
Block4: 32 Kbytes
01’0000-01’7FFF
External memory or
remap of Blocks 0-2
01’0000-01’7FFF
External memory or
remap of Blocks 0-3
0
00’8000 - 00’FFFF
External memory
Internal RAM
and Registers
00’8000 - 00’FFFF
External memory
Internal RAM
and Registers
00’6000 - 00’7FFF
Block 2: 8 Kbytes
00’6000 - 00’7FFF
Block3: 8 Kbytes
00’4000 - 00’5FFF
Block 1: 8 Kbytes
00’4000 - 00’5FFF
Block2: 8 Kbytes
00’0000 - 00’3FFF
Block 0: 16 Kbytes
00’2000 - 00’3FFF
Block1: 8 Kbytes
00’0000 - 00’1FFF
Block0: 8 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com