Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2021 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2021
Description  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 19Page - STMicroelectronics AN2021 Datasheet HTML 20Page - STMicroelectronics AN2021 Datasheet HTML 21Page - STMicroelectronics AN2021 Datasheet HTML 22Page - STMicroelectronics AN2021 Datasheet HTML 23Page - STMicroelectronics AN2021 Datasheet HTML 24Page - STMicroelectronics AN2021 Datasheet HTML 25Page - STMicroelectronics AN2021 Datasheet HTML 26Page - STMicroelectronics AN2021 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
AN2021
New features
23/39
bits (Byte Low of XIRxSEL register). Note that the flag bit can provide information about
events which are not currently serviced by the interrupt controller (since masked through the
enable bits), allowing an effective software management also in the absence of the
possibility to serve the related interrupt request: a periodic polling of the flag bits may be
implemented inside the user application.
Table 13: X-Interrupt detailed mapping gives an overview of the different settings available.
2.3.1
Hardware impact
None.
2.3.2
Software impact
First, the XMISCEN bit, that is, bit 10 of the XPERCON register, must be set to have access
to these registers. Refer to Section 3.1: XPERCON register for more details.
Then, the XIRxSEL registers must be configured. If none of the new XPeripherals is used,
that is, only the XPeripherals that were already present on the ST10F269 are used, the
following values must be programmed:
XIR0SEL = 0x0100, only the CAN1 interrupt is enabled and can generate an interrupt
to the ST10 through XP0IC
XIR1SEL = 0x0100, only the CAN2 interrupt is enabled and can generate an interrupt
to the ST10 through XP1IC
XIR2SEL = 0x0, not used
XIR3SEL = 0x2000, only the PLL unlock interrupt is enabled and can generate an
interrupt to the ST10 through XP3IC
Table 13.
X-Interrupt detailed mapping
XP0INT
XP1INT
XP2INT
XP3INT
CAN1 Interrupt
X
X
CAN2 Interrupt
X
X
I2C Receive
X
X
X
I2C Transmit
X
X
X
I2C Error
X
SSC1 Receive
X
X
X
SSC1 Transmit
X
X
X
SSC1 Error
X
ASC1 Receive
X
X
X
ASC1 Transmit
X
X
X
ASC1 Transmit Buffer
X
X
X
ASC1 Error
X
PLL Unlock / OWD
X
PWM1 Channel 3...0
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com