Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2021 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN2021
Description  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 11Page - STMicroelectronics AN2021 Datasheet HTML 12Page - STMicroelectronics AN2021 Datasheet HTML 13Page - STMicroelectronics AN2021 Datasheet HTML 14Page - STMicroelectronics AN2021 Datasheet HTML 15Page - STMicroelectronics AN2021 Datasheet HTML 16Page - STMicroelectronics AN2021 Datasheet HTML 17Page - STMicroelectronics AN2021 Datasheet HTML 18Page - STMicroelectronics AN2021 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
AN2021
Modified features
15/39
Additional channels on Port1 - only for the ST10F272E
A new multiplexer selects one out of up to 16 + 8 analog input channels (alternate functions
of Port 5 and Port1). The selection of Port1 or Port5 as the input of the ADC is made via bit
ADCMUX, bit 0 of the XMISC register. By default the multiplexer selects Port5, so there is no
impact on the software as compared to an ST10F269 implementation. Note that XMISCEN,
bit 10 of the XPERCON register, must be set to have access to the XMISC register.
Note:
In the ST10F272B, the location of the ADCMUX bit is reserved and should not be written to,
or only to value ‘0’.
1.5
Real time clock
The RTC module can be clocked by two different sources: the main oscillator (pins XTAL1
and XTAL2) or the 32 kHz oscillator (pins XTAL3 and XTAL4). The selection of the clocking
can be made via an additional bit in the RTCCON register.
1.5.1
Hardware impact
Check the usage of pins XTAL3 and XTAL4 (pins 143 and 144, respectively).
1.5.2
Software impact
The address range of the RTC registers has been modified from 00’EC00h - 00’ECFFh on
the ST10F269, to 00’ED00h - 00’EDFFh on the ST10F272. This relocation has no impact if
the software uses register names defined by the toolchain and if the CPU selection is
changed to ST10F272. If the software was directly using the address of the RTC register, it
must be modified according to the new mapping.
XMISC (EB46h)
XREG
Reset value: --00h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
VREG
OFF
CAN
CK2
CAN
PAR
ADC
MUX
-
R/W
R/W
R/W
R/W
Table 8.
XMISC register description
Bit
Function
ADCMUX
ADC Multiplexer
0: Default configuration, analog inputs on port P5.y can be converted
1: Analog inputs on port P1.z can be converted, only 8 channels can be
managed
ST10F269: RTCCON (F1C4h / E2h)
ESFR
Reset value: --00h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
RTC
OFF
Reserved
RTC
AEN
RTC
AIR
RTC
SEN
RTC
SIR
-
R/W
-
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com