Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2021 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2021
Description  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 14Page - STMicroelectronics AN2021 Datasheet HTML 15Page - STMicroelectronics AN2021 Datasheet HTML 16Page - STMicroelectronics AN2021 Datasheet HTML 17Page - STMicroelectronics AN2021 Datasheet HTML 18Page - STMicroelectronics AN2021 Datasheet HTML 19Page - STMicroelectronics AN2021 Datasheet HTML 20Page - STMicroelectronics AN2021 Datasheet HTML 21Page - STMicroelectronics AN2021 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Modified features
AN2021
18/39
1.7.1
Hardware impact
None.
1.7.2
Software impact
None if the software is not writing to PICON bit 5 (P6LIN).
1.8
Ports output control
In the ST10F269, the port output control registers POCONx are used to select the output
driver characteristics of a port. In this way, the output drivers can be adapted to the
application’s requirements, and eventually, the EMI behavior of the device can be improved.
Two characteristics may be selected:
●
Edge characteristic defines the rise/fall time for the respective outputs, that is, the
transition time. Slow edge reduces the peak currents that are sunk/sourced when
changing the voltage level of an external capacitive load.
●
Driver characteristic defines either the general driving capability of the respective
drivers, or if the driver strength is reduced after the target output level has been
reached or not. Reducing the driver strength increases the output’s internal resistance,
which attenuates noise that is imported via the output line.
This feature is not available on the ST10F272.
1.8.1
Hardware impact
Some modifications might be needed depending on the usage of this functionality.
1.8.2
Software impact
Parts related to the initialization of the POCONx registers should be suppressed.
1.9
PLL and main on-chip oscillator
Compared to the ST10F269, several modifications have been introduced:
●
PLL multiplication factors have been adapted in order to match the new frequency
range.
●
On-chip main oscillator input frequency range has been reshaped, reducing it to 4 to
8 MHz: This allows the power consumption to be reduced when the Real Time Clock is
Table 10.
PICON register description
Bit
Function
Reset value
PxLIN
Port x Low Byte Input Level Selection
0: Pins Px.7..0 switch on standard TTL input levels
1: Pins Px.7..0 switch on CMOS input levels
0
PxHIN
Port x High Byte Input Level Selection
0: Pins Px.15..8 switch on standard TTL input levels
1: Pins Px.15..8 switch on CMOS input levels
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com