Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2021 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN2021
Description  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 22Page - STMicroelectronics AN2021 Datasheet HTML 23Page - STMicroelectronics AN2021 Datasheet HTML 24Page - STMicroelectronics AN2021 Datasheet HTML 25Page - STMicroelectronics AN2021 Datasheet HTML 26Page - STMicroelectronics AN2021 Datasheet HTML 27Page - STMicroelectronics AN2021 Datasheet HTML 28Page - STMicroelectronics AN2021 Datasheet HTML 29Page - STMicroelectronics AN2021 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Modified registers
AN2021
26/39
3
Modified registers
3.1
XPERCON register
In the ST10F272, new bits have been added with regards to the additional XPeripherals.
The XPERCON register allows the XBus peripherals to be separately selected and made
visible to the user by means of the corresponding bits. If an XBus peripheral is not selected
(not activated with a bit of XPERCON) before the XPEN bit in SYSCON is set, the
corresponding address space, port pins and interrupts are not occupied by the peripheral,
and thus this peripheral is not visible and not available.
ST10F269: XPERCON (F024h / 12h)
SFR
Reset value: --05h
15
14
13
12
11
10
98765
4321
0
Reserved
RTC
EN
CAN2
EN
CAN1
EN
-
R/W
R/W
R/W
R/W
R/W
ST10F272: XPERCON (F024h / 12h)
SFR
Reset value: -005h
15
14
13
12
11
10
98765
4321
0
Reserved
XI2C
EN
XSSC
EN
XASC
EN
Res.
RTC
EN
CAN2
EN
CAN1
EN
-
R/W
R/W
R/W
R/W
R/W
-
R/W
R/W
R/W
R/W
R/W
Table 15.
XPERCON register description
Bit
Bit name
Function
15:11
-
Reserved
10
XMISCEN
XBUS Additional Features Enable Bit
0: Accesses to the Additional Miscellaneous Features is disabled.
1: The Additional Features are enabled and can be accessed.
9XI2CEN
XI 2 C Enable Bit
0: Accesses to the on-chip XI 2 C are disabled, external access performed.
1: The on-chip XI 2 C is enabled and can be accessed.
8
XSSCEN
XSSC Enable Bit
0: Accesses to the on-chip XSSC are disabled, external access performed.
1: The on-chip XSSC is enabled and can be accessed.
7
XASCEN
XASC Enable Bit
0: Accesses to the on-chip XASC are disabled, external access performed.
1: The on-chip XASC is enabled and can be accessed.
6XPWMEN
XPWM Enable
0: Accesses to the on-chip XPWM module are disabled, external access
performed.
1: The on-chip XPWM module is enabled and can be accessed.
5-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com