Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3316 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 2Page - STMicroelectronics AN3316 Datasheet HTML 3Page - STMicroelectronics AN3316 Datasheet HTML 4Page - STMicroelectronics AN3316 Datasheet HTML 5Page - STMicroelectronics AN3316 Datasheet HTML 6Page - STMicroelectronics AN3316 Datasheet HTML 7Page - STMicroelectronics AN3316 Datasheet HTML 8Page - STMicroelectronics AN3316 Datasheet HTML 9Page - STMicroelectronics AN3316 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Power consumption factors
AN3316
6/42
Doc ID 18232 Rev 2
Figure 2.
Global clock tree architecture
It is possible to decrease power consumption through following features:
●
Reduced number of directly clocked lines (see red circle on Figure 2)
●
Reduced local clock rates through peripheral bus division (see blue circle on Figure 2)
ModeEntry Module is also structured to help reduce dynamic power consumption as:
●
Allows to clock-gate each peripheral independently. So, power saving can be achieved
by clock-gating peripherals not used in the application.
●
Allows to switch-off the CPU which is the most power-hungry part in the device. For
example, while waiting for an ADC conversion to complete.
CMU
OSC
&
16MHz
IRC
16MHz
OSC
32KHz
IRC
128KHz
FMPLL
RESET
SAFE
INT
system_clk
div 1 to 32
div 1 to 32
CLKOUT
Selector
div 1/2/4/8
CLOCK OUT
SWT
(Watchdog)
API / RTC
Peripheral Set 1
Peripheral Set 2
Peripheral Set 3
System
Clock
Selector
(ME)
div 1 to 15
div 1 to 15
div 1 to 15
Core
Platform
osca_clk_div
irc_fast_div
osca_clk
osca_fast
fmplla_clk
div 1 to 32
div 1 to 32
oscb_clk_div
irc_fast_div
irc_slow_div
irc_fast
osca_clk
oscb_clk
irc_slow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com