Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3316 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 14Page - STMicroelectronics AN3316 Datasheet HTML 15Page - STMicroelectronics AN3316 Datasheet HTML 16Page - STMicroelectronics AN3316 Datasheet HTML 17Page - STMicroelectronics AN3316 Datasheet HTML 18Page - STMicroelectronics AN3316 Datasheet HTML 19Page - STMicroelectronics AN3316 Datasheet HTML 20Page - STMicroelectronics AN3316 Datasheet HTML 21Page - STMicroelectronics AN3316 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Device modes
AN3316
18/42
Doc ID 18232 Rev 2
2.4.1
Power-on reset phase (RESET
DRUN)
Following, a chart that describes the start-up phase from CFLASH:
Figure 9.
Transition (HW start-up) RESET
DRUN (execution from CFlash)
2.4.2
Application scenarios
The following scenarios shown are the typical ones that well describes the behavior of both
running and low power modes.
GATED
POWERED
RESET
EXECUTE
DRUN
STOP
RUNNING
ULTRA LP
LOW POWER
FULL POWER
ULP-VREGI
SET-UP
IRC
16M
LVD & MVREG
Stabilize Flash
analog supply
CFLASH
initialization
ME
CORE
MODE
IRC 16M
VREG
RESET
(dig.)
STRAT-UP
SEQUENCE
CONSUMP-
TION
PROFILE
10s
2s
33
s
20s
125s
5s
Transition time: ~200s
25A
~5mA
~30mA
~20mA
Power-On
Reset
500mA(max)
Transition time: 200s
Average conso: ~26mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com