Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3316 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 13Page - STMicroelectronics AN3316 Datasheet HTML 14Page - STMicroelectronics AN3316 Datasheet HTML 15Page - STMicroelectronics AN3316 Datasheet HTML 16Page - STMicroelectronics AN3316 Datasheet HTML 17Page - STMicroelectronics AN3316 Datasheet HTML 18Page - STMicroelectronics AN3316 Datasheet HTML 19Page - STMicroelectronics AN3316 Datasheet HTML 20Page - STMicroelectronics AN3316 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
AN3316
Device modes
Doc ID 18232 Rev 2
17/42
Figure 8.
HW failure example
Error modes management
Mode Entry Module can generate an interrupt on the following events:
●
Invalid mode configuration:
following rules should be respected in order to prevent error configuration event:
–
IRC should be ON if: sysclk = rc_clk or sysclk = rc_clk_div
–
XOSC should be ON if: sysclk = osc_clk or sysclk = osc_clk_div
–
PLL should be ON if: sysclk = pll_clk
–
Configuration "00" for the CFLAON and DFLAON bit fields should not be used
–
MVR must be ON if any of the following is active: PLL/CFLASH/DFLASH
–
System clock configurations marked as ’reserved’ may not be selected
–
Configuration "1111" for the SYSCLK bit field is allowed only for STOP0 and TEST
modes
If one of the previous rule is violated, I_ICONF bit in the Interrupt Status register ME_IS is
set
●
Invalid mode transition
Following cases should be avoided to complete the transition properly:
–
Mode requested when a transition is active (mode transition illegal)
–
Target mode not valid with respect to the current (mode request illegal)
–
Target mode is disabled in mode enable register (disable mode access)
–
Target mode doesn’t exist (non existing mode access)
previous cases are signaled by ME_IMTS register.
2.4
Application cases
This chapter tries to show most significant transition cases managed by mode Entry
Module.
Except for the Power-On Reset phase that is performed through a completely HW transition
(RESET
 DRUN), transitions have either HW or SW aspects in the others cases.
XOSC failure
SAFE
DRUN
RUN0
svsclk = IRC
svsclk = IRC
svsclk = XOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com