Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3316 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 34Page - STMicroelectronics AN3316 Datasheet HTML 35Page - STMicroelectronics AN3316 Datasheet HTML 36Page - STMicroelectronics AN3316 Datasheet HTML 37Page - STMicroelectronics AN3316 Datasheet HTML 38Page - STMicroelectronics AN3316 Datasheet HTML 39Page - STMicroelectronics AN3316 Datasheet HTML 40Page - STMicroelectronics AN3316 Datasheet HTML 41Page - STMicroelectronics AN3316 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
AN3316
Consumption tables
Doc ID 18232 Rev 2
39/42
3.4
Consumption example
So, to calculate the peripheral consumption refer to the following scenario:
●
Fperiph = PLL at 32 MHz
●
Fcan = XTAL at 8 MHz (to avoid PLL glitches)
Each peripheral is showed in the following table:
Table 15.
Peripherals consumption table
Symbol
C
Parameter
Conditions
Value
Unit
Type
IDD_BV(CAN)
CC T
CAN
(FlexCAN)
supply current
on VDD_BV
500 Kbps Total (static + dynamic)
consumption:
– FlexCAN in loop-back mode
– XTAL at 8 MHz used as CAN
engine clocksource
– Message sending period is 580s
8 * fperiph + 85
A
125Kbps
8 * fperiph + 27
IDD_BV(eMIOS) CC T
eMIOS supply
current on
VDD_BV
Static consumption:
– eMIOS channel OFF
– Global prescaler enabled
29 * fperiph
Dynamic consumption:
– It does not change by varying the frequency
(0.003 mA)
3
IDD_BV(SCI)
CC T
SCI(LINFlex)
supply current
on VDD_BV
Total (static + dynamic) consumption:
– LIN mode
– Baudrate: 20 Kbps
5 * fperiph + 31
IDD_BV(SPI)
CC T
SPI(DSPI)
supply current
on VDD_BV
Ballast static condition (only clocked)
1
Ballast dynamic condition (continuous
communication):
– Baudrate: 2 Mbit
– Transimmisio every 8 s
– Frame: 16 bits
16 * fperiph
IDD_BV(ADC)
CC T
ADC supply
current on
VDD_BV
VDD = 5.5V
Ballast static consumption (no
conservation)
41 * fperiph
µA
VDD = 5.5V
Ballast dynamic consumption
(continuous conservation)
5 * fperiph
IDD_HV_ADC(ADC) CC T
ADC supply
current on
VDD_HV_ADC
VDD = 5.5V
Analog static consumption (no
conservation)
2 * fperiph
VDD = 5.5V
Analog dynamic consumption
(continuous conservation)
75 * fperiph + 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com