Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3316 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 8Page - STMicroelectronics AN3316 Datasheet HTML 9Page - STMicroelectronics AN3316 Datasheet HTML 10Page - STMicroelectronics AN3316 Datasheet HTML 11Page - STMicroelectronics AN3316 Datasheet HTML 12Page - STMicroelectronics AN3316 Datasheet HTML 13Page - STMicroelectronics AN3316 Datasheet HTML 14Page - STMicroelectronics AN3316 Datasheet HTML 15Page - STMicroelectronics AN3316 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Device modes
AN3316
12/42
Doc ID 18232 Rev 2
Figure 5.
Power Domain 0 architecture
2.3
Key advantages of Mode Entry
The purpose of the Mode Entry (ME) is to centralize the control of all device modes and
related parameters within a unique module.
Following main advantages:
●
Controls the target mode’s parameters and mode transition without CPU intervention
(see Section 2.3.1: Transition control)
●
Power modes managment centralaized (see Section 2.3.2: Modules/peripherals
configuration)
●
Provides a SAFE mode to manage HW failure (see Section 2.3.3: HW failure and error
modes management)
2.3.1
Transition control
Mode transition is performed by writing ME_MCTL register twice:
●
1st write: TARGET_MODE + KEY
●
2nd write: TARGET_MODE + INVERTED KEY
Once the double writing is done, the complete transition could be triggered by following bits:
●
S_MTRANS bit of Global Status Register (ME_GS)
–
S_MTRANS = 0 (Transition not active)
–
S_MTRANS = 1 (Transition ongoing)
●
I_MTC bit of Interrupt Status Register (ME_IS)
–
I_MTC = 0 (No transition complete)
–
I_MTC = 1 (Transition complete)
Note:
Bit I_MTC is not set in case of transition to low power modes (HALT / STOP)
2.3.2
Modules/peripherals configuration
Either modules or peripherals are managed by ME.
LV
HV
PD0
Part of
Magic carpet
API/
RTC
Wake-up
Logic
RESET &
Wake-up
vector
128KHz
IRC
16 MHz
IRC
PCU
RGM
8K
RAM
32KHz
XTAL
CAN
Sampler
(Always On
domain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com