Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3316 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3316 Datasheet HTML 1Page - STMicroelectronics AN3316 Datasheet HTML 2Page - STMicroelectronics AN3316 Datasheet HTML 3Page - STMicroelectronics AN3316 Datasheet HTML 4Page - STMicroelectronics AN3316 Datasheet HTML 5Page - STMicroelectronics AN3316 Datasheet HTML 6Page - STMicroelectronics AN3316 Datasheet HTML 7Page - STMicroelectronics AN3316 Datasheet HTML 8Page - STMicroelectronics AN3316 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
AN3316
Power consumption factors
Doc ID 18232 Rev 2
5/42
1
Power consumption factors
1.1
Overview
As SPC560B is a CMOS digital logic device, total power consumption is:
PTOTAL = PDYNAMIC + PSTATIC
Where:
PDYNAMIC is the dynamic power contribution that depends on the supply voltage and
the clock frequency through following formula:
PDYNAMIC =  · CV
2f
with:
C is the CMOS load capacitance
V is the 5 V supply voltage
f is the clock frequency
PSTATIC is the static power contribution that depends mainly on the transistor
polarization and leakage as in the following formula:
PSTATIC =ISTATICV
So to minimize total power consumption, it is needed to minimize each dynamic/static
contribution which strongly depends on clock frequency and the clock structure
implemented.
1.2
Dynamic power reduction
SPC560B adopts a very smart clock tree architecture in which all the clock sources are not
directly routed to peripherals. In fact, a peripheral bus block is located in the middle to divide
or disable all the clocks connected to the peripherals to save power consumption.
Figure 1.
Peripheral clock
So, looking at the global clock tree architecture:
/
System clk
Peripheral set x
div 1 to 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com