Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3316 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 7Page - STMicroelectronics AN3316 Datasheet HTML 8Page - STMicroelectronics AN3316 Datasheet HTML 9Page - STMicroelectronics AN3316 Datasheet HTML 10Page - STMicroelectronics AN3316 Datasheet HTML 11Page - STMicroelectronics AN3316 Datasheet HTML 12Page - STMicroelectronics AN3316 Datasheet HTML 13Page - STMicroelectronics AN3316 Datasheet HTML 14Page - STMicroelectronics AN3316 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
AN3316
Device modes
Doc ID 18232 Rev 2
11/42
SAFE mode
This is a chip-wide service mode which may be entered on the detection of a recoverable
error. It forces the system into a pre-defined safe configuration from which the system may
try to recover.
TEST mode
This is a chip-wide service mode which is intended to provide a control environment for
device self-test. It may enable the application to run its own self-test like Flash checksum.
2.2.2
Running modes
RUNx (x=0:3) modes
These are software running modes where most processing activity is done. These modes
are intended to be used by software to execute full performance application routines.
The availability of 4 running modes allow to enable different clock and power configurations
of the system with respect to each other.
SPC560B device supports WAIT instruction to stop the core with the capability to restart
with very short latency (< 4 system clocks)
2.2.3
Low Power modes
HALT mode
This mode is intended as a first level low-power mode in which the platform is stopped but
system clock can remain the same as in running mode. This is a reduced-activity low-power
mode during which the clock to the core is disabled. It can be configured to switch off analog
peripherals like PLL, Flash, main regulator etc. for efficient power management at the cost
of higher wakeup latency.
STOP mode
This mode is intended as an advanced low-power mode during which the clock to the
platform is stopped. It may be configured to switch off most of the peripherals including
oscillator for efficient power management at the cost of higher wakeup latency.
STANBY mode
This is a reduced-leakage low-power mode in which only PD0 is connected and power
supply is cut off from most of the device. Wakeup from this mode takes a relatively long time,
and content is lost or must be restored from backup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com