Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3316 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 28Page - STMicroelectronics AN3316 Datasheet HTML 29Page - STMicroelectronics AN3316 Datasheet HTML 30Page - STMicroelectronics AN3316 Datasheet HTML 31Page - STMicroelectronics AN3316 Datasheet HTML 32Page - STMicroelectronics AN3316 Datasheet HTML 33Page - STMicroelectronics AN3316 Datasheet HTML 34Page - STMicroelectronics AN3316 Datasheet HTML 35Page - STMicroelectronics AN3316 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Device modes
AN3316
32/42
Doc ID 18232 Rev 2
Figure 18.
Power domain
It is possible to check for transition completion through mode Transition Status bit:
while (ME.GS.MTRANS != 0)
//transition ongoing
...
//transition completed
...
No timer is used here to check for the transition completion as timers are switched-off
during RUN0
 STANDBY transition
6.
STANDBY mode:
At the end of the transition, device enters in STANDBY and stay there until the API not
generates a wakeup event. At this time the STANDBY exiting starts
7.
Transition STANDBY
 RESET  DRUN mode:
Once the wakeup event is generated, the device re-executes the Power-On Reset
phase staying in RESET mode. At the end, device enters in DRUN mode, where the
DRUN configuration register resets except for the DRUN.CFLAON/DFLAON that
maintains the values configured before STANDBY entering. This allows to put
CFLASH/DFLASH in Power Down once in DRUN.
PCON
F1[new mode]
new mode
wakeup
PCON
F2[new mode]
new mode
wakeup
PCU
Determine new
power state
Determine new
power state
power down
power up
power down
power up
FSN
FSN
#1
#2
Supply
Ground
Power domain #12
Core
Flash
Peripheral
set #1
ME
PLL0
JTAG
...
Power Domain #2
SRAM(24KB)
VREG
SRAM (8K), Power Control Unit(PCU), RESET
Generation Module(RGM), Voltage regulator.
Wakeup Unit, API, CAN sampler, 16MHz & 128
KHz RC oscillator, RC digital interface & voltage
Power Domain #0
Note:
represents a power switching device. For the sake of simplicity this has been drawn as a mechanical switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com