Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3316 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 17Page - STMicroelectronics AN3316 Datasheet HTML 18Page - STMicroelectronics AN3316 Datasheet HTML 19Page - STMicroelectronics AN3316 Datasheet HTML 20Page - STMicroelectronics AN3316 Datasheet HTML 21Page - STMicroelectronics AN3316 Datasheet HTML 22Page - STMicroelectronics AN3316 Datasheet HTML 23Page - STMicroelectronics AN3316 Datasheet HTML 24Page - STMicroelectronics AN3316 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
AN3316
Device modes
Doc ID 18232 Rev 2
21/42
For the HW steps, refer to Section : Common HW aspects. Now, see in details the
operations done for each phase:
DRUN mode:
1.
XTAL config
CGM.OSC_CTL.EOCV = xxx (set stabilization counter)
2.
FMPLL config:
PLL freq is done by the following formula:
Where:
clkin = reference clock = XTAL at 8 MHz
LDF (NDIV) is the Loop Divided Ratio with this configurations:
IDF is the Input Divided Ratio with following configurations:
ODF is the Output Divided Ratio with following configurations:
Table 3.
Loop divide ratio
NDIV[6:0]
Loop divide ratios
0000000-0011111
NA
0100000
Divide by 32
0100001
Divide by 33
0100010
Divide by 34
...
...
1011111
Divide by 95
1100000
Divide by 96
1100001-1111111
NA
Table 4.
Input divide ratio
IDF[3:0]
Input divide ratios
0000
Divide by 1
0001
Divide by 2
0010
Divide by 3
...
...
1110
Divide by 15
phi
clkin LDF
IDF ODF
-----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com