Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3316 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 21Page - STMicroelectronics AN3316 Datasheet HTML 22Page - STMicroelectronics AN3316 Datasheet HTML 23Page - STMicroelectronics AN3316 Datasheet HTML 24Page - STMicroelectronics AN3316 Datasheet HTML 25Page - STMicroelectronics AN3316 Datasheet HTML 26Page - STMicroelectronics AN3316 Datasheet HTML 27Page - STMicroelectronics AN3316 Datasheet HTML 28Page - STMicroelectronics AN3316 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
AN3316
Device modes
Doc ID 18232 Rev 2
25/42
For the HW steps, refer to Section : Common HW aspects. Now, see in details the operation
done for each phase:
RUN0 mode:
1.
Mode config in HALT:
ME_HALT_MC.CFLAON = 2
(code Flash in Low Power mode)
ME_HALT_MC.DFLAON = 2
(data Flash in Low Power mode)
In this way, at HALT exiting, Flash startup from Low Power to Normal mode is very fast
as it takes less than 1 usec
ME_ HALT_MC.XOSC0ON = 1 (turn-on the XTAL)
ME HALT_MC.PLL0ON = 1
(turn-on the PLL)
ME_ HALT_MC.SYSCLK = 4
(set PLL as device system clock)
2.
Periphs mode config HALT mode:
ME_RUN_LP0.HALT = 1 (activate low power peripheral configuration ’0’ in HALT)
ME_PCTL[4].LP_CFG = 0 to select the low power peripheral configuration ’0’ for
DSPI0 identified by offset = 4 (refer to figure x)
ME_PCTL[32].LP_CFG = 0 to select the low power peripheral configuration ’0’ for ADC
identified by offset = 32 (refer to figure x)
ME_PCTL[16].LP_CFG = 0 to select the low power peripheral configuration ’0’ for
FlexCAN0 identified by offset = 16 (refer to figure x)
3.
Timer config:
See Step 5 (RUN0
 HALT mode)
4.
Request transition to RUN0 mode:
So, in case of RUN0
 HALT transition, these two register writing should be done:
ME.MCTL.R = 0x80005AF0
ME.MCTL.R = 0x8000A50F
Table 7.
Peripherals clock source
Peripheral
Register gatin address offset
(base = 0xC3FDC0C0)
Peripheral set
RPP_ZOH Platform
None (managed through ME
mode)
—
DSPin
4 + n
2
FlexCANn
16 + n
2
BAM
None (31 reserved)
—
ADC
32
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com