Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3316 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 18Page - STMicroelectronics AN3316 Datasheet HTML 19Page - STMicroelectronics AN3316 Datasheet HTML 20Page - STMicroelectronics AN3316 Datasheet HTML 21Page - STMicroelectronics AN3316 Datasheet HTML 22Page - STMicroelectronics AN3316 Datasheet HTML 23Page - STMicroelectronics AN3316 Datasheet HTML 24Page - STMicroelectronics AN3316 Datasheet HTML 25Page - STMicroelectronics AN3316 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Device modes
AN3316
22/42
Doc ID 18232 Rev 2
So, to get PLL freq = 64MHz, in case of XTALat8MHz, registers configuration should
be:
CGM.FMPLL[0].CR.B.IDF = 0 (divide by 1)
CGM.FMPLL[0].CR.B.ODF = 2 (divide by 8)
CGM.FMPLL[0].CR.B.NDIV = 64 (multiply for 64)
3.
RUN0 mode config:
ME_RUN0_MC.XOSC0ON = 1 (turn-on the XTAL)
ME_RUN0_MC.PLL0ON = 1 (turn-on the PLL)
ME_RUN0_MC.SYSCLK = 4 (set PLL as device system clock)
4.
Periphs mode config:
ME_RUN_PC0.RUN0 = 1 (activate running peripheral configuration ’0’ in RUN0)
ME_PCTL[4].RUN_CFG = 0 to select the running peripheral configuration ’0’ for DSPI0
identified by offset = 4 (refer to figure x)
ME_PCTL[32].RUN_CFG = 0 to select the running peripheral configuration ’0’ for ADC
identified by offset = 32 (refer to figure x)
5.
Timer config:
See Step 7 (DRUN
RUN0 mode)
Table 5.
Output divide ratio
ODF[1:0]
Output divide ratios
00
Divide by 2
01
Divide by 4
10
Divide by 8
11
Divide by 16
Table 6.
SPC560B54/6x peripheral clock sources
Peripheral
Register gatin address offset
(base = 0xC3FDC0C0)
Peripheral set
RPP_ZOH platform
None (managed through ME mode)
—
DSPin
4+n
2
FlexCANn
16+n
2
BAM
None (31 reserved)
—
ADC
32
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com