Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3316 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 15Page - STMicroelectronics AN3316 Datasheet HTML 16Page - STMicroelectronics AN3316 Datasheet HTML 17Page - STMicroelectronics AN3316 Datasheet HTML 18Page - STMicroelectronics AN3316 Datasheet HTML 19Page - STMicroelectronics AN3316 Datasheet HTML 20Page - STMicroelectronics AN3316 Datasheet HTML 21Page - STMicroelectronics AN3316 Datasheet HTML 22Page - STMicroelectronics AN3316 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
AN3316
Device modes
Doc ID 18232 Rev 2
19/42
Common HW aspects
As already said, other than sw configuration that should be taken care by the application,
there are some operations that are performed by HW and that are common to the scenarios
after described:
●
<target mode> configuration check
While programming the mode configuration registers ME_<target mode>_MC, some rules
must be respected.
For example, if PLL is set to be the system clock in <target mode>, PLL should be turned
on. Otherwise, the write operation is ignored and an invalid mode configuration event may
be generated. Please refer to Error Management Chapter for detailed informations.
●
<target mode> transition parameters check
There are some conditions that make the transition request invalid. For example, if the target
mode is not a valid mode with respect to current mode.
In this case, an invalid mode transition event may be generated. Please refer to Error
Management Chapter for detailed informations.
●
<target mode> modules/peripherals switching on/off
Once the transition is requested by sw, the HW is in charge of switching on/off all
modules/peripherals. Now, if a module failure happens (i.e: XTAL or PLL lock failures) the
transition stalls in an ongoing status. However, The failures can be managed via software.
Please refer to Error Management Chapter for detailed informations.
For this reason, in order to prevent to stuck the code waiting for transition completion, it
could be better to set a timer, before entering in RUN0 mode, that, if expired, is able to signal
every potential issue.
Timeout calculation should be based on modules/peripherals start-up timing and, so, varies
case by case.
Scenario 1 (DRUN RUNx)
This scenario is a typical application that starts from a default mode and transits to a full
device performance user mode. Following is the configuration of each mode.
Figure 10.
Node configuration
Following flow diagram describes the transition steps:
DRUN
RUN0
XTAL, PLL = OFF
sysclk = FIRC-16MHz
CFLASH, DFLASH = ON
all periphs = OFF
XTAL, PLL = OFF
sysclk = PLL-64MHz
CFLASH, DFLASH = ON
SPIO,ADCO = ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com