Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3316 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 3Page - STMicroelectronics AN3316 Datasheet HTML 4Page - STMicroelectronics AN3316 Datasheet HTML 5Page - STMicroelectronics AN3316 Datasheet HTML 6Page - STMicroelectronics AN3316 Datasheet HTML 7Page - STMicroelectronics AN3316 Datasheet HTML 8Page - STMicroelectronics AN3316 Datasheet HTML 9Page - STMicroelectronics AN3316 Datasheet HTML 10Page - STMicroelectronics AN3316 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
AN3316
Power consumption factors
Doc ID 18232 Rev 2
7/42
1.3
Static power reduction
The two main system/market constraints that influenced SPC560B definition:
●
Request for more performance/integration and cost reductions leading to the usage of
more and more advanced and small technologies
●
Carmakers’ constraints to maintain functions even when the car is switched off with a
max consumption of 100µA to 1mA for the overall ECU and depending on its type,
BCM, door module etc.
In order to match these two constraints, ST developed the SPC560B with following features:
●
Adopting 90nm technology to meet integration/costs but with using a low leakage
technology (Leakage minimization)
●
Subdividing device into following different PD0, PD1, PD2, PD3 power domains to meet
LP function/consumption (Power Segmentation)
These domains are individually disconnected from Power and so eliminates the leakage
from the areas they are turned off.
Figure 3.
SPC560B54/6x power domain structure
Vreg
&
power
gating
64K
RAM
24K
RAM
LV
LV
HV
LV
HV
Peripheral
Set One
Platform
XOSC
ZO core
LV
JTAG
Peripheral
Set Two
PLL
API/
RTC
Wake-up
Logic
Reset &
Wake-up
vector
128KHz
IRC
16 Mhz
IRC
PCU
RGM
8K
RAM
32KHz
XTAL
CAN
Sampler
Part of
Magic Carpet
PD3
RAM Domain 2
PD2
RAM Domain 1
CGM
CGL
ME
PD0
Always 0
domain
PD1
Micro
domain
Notes:
LV = Low Voltage(1.2V on SPC560B)
HV = High Voltage(3.3V on SPC560B)
PD = Power Domain
RD = RAM Power Domain
PCU = Power Control Unit
RGM = Reset Generation Module
CGM = Clock Generation Module
CGL = Clock Gating Logic
ME = mode Entry unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com