Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3316 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 27Page - STMicroelectronics AN3316 Datasheet HTML 28Page - STMicroelectronics AN3316 Datasheet HTML 29Page - STMicroelectronics AN3316 Datasheet HTML 30Page - STMicroelectronics AN3316 Datasheet HTML 31Page - STMicroelectronics AN3316 Datasheet HTML 32Page - STMicroelectronics AN3316 Datasheet HTML 33Page - STMicroelectronics AN3316 Datasheet HTML 34Page - STMicroelectronics AN3316 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
AN3316
Device modes
Doc ID 18232 Rev 2
31/42
For the HW steps, refer to Section : Common HW aspects. Now see in details the operation
done for each phase:
RUN0 mode:
1.
Mode config in STDBY:
STANDBY mode, by default has already following configuration:
CFLASH/DFLASH in Power Down
–XTAL OFF
Sysclk OFF
So, the only sw configurations to perform are:
ME_ STANDBY_MC.FIRCON = 0 (turn-off the FIRC)
CGM_ LPRC.LPRCON_STDBY = 1 (turn-on the LPRC in STANDBY)
Moreover, it needs that all peripherals are clock-gated, otherwise, STANDBY mode is
not entered properly, so:
ME_ RUN_LPx.STANDBY = 0 (all low power peripheral configuration registers used
should have STANDBY disabled)
2.
STDBY Boot config:
RGM_STDBY.BOOT_FROM_BKP_RAM = 1 (boot from SRAM on STANDBY exit)
ME_DRUN_MC.CFLAON = 1
(code Flash in Power-Down)
PCU_PCONF2.STDBY0 = 0
(SRAM 24K powered-off)
with these settings, after exiting from STANDBY, device enters in DRUN booting from
SRAM (8K backup) with CFLASH in Power-Down, minimizing consumption
3.
API config:
This step should configure the API to generate a periodic wakeup to exit device from
STANDBY
4.
Request transition to RUN0 mode:
in case of RUN0
 STANDBY transition, these two register writing should be done:
ME.MCTL.R = 0xD0005AF0
ME.MCTL.R = 0xD000A50F
5.
RUN0
 STANDBY mode:
Once a valid mode transition request is detected, the transition starts. Here, device
switchs-off core and all the modules/peripherals that belong to Power-Domain #1. Only
Power-Domain #2 is maintained on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com