Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2115 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2115
Description  This application note details the main features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2115 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2115 Datasheet HTML 5Page - STMicroelectronics AN2115 Datasheet HTML 6Page - STMicroelectronics AN2115 Datasheet HTML 7Page - STMicroelectronics AN2115 Datasheet HTML 8Page - STMicroelectronics AN2115 Datasheet HTML 9Page - STMicroelectronics AN2115 Datasheet HTML 10Page - STMicroelectronics AN2115 Datasheet HTML 11Page - STMicroelectronics AN2115 Datasheet HTML 12Page - STMicroelectronics AN2115 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AN2115
Operation description
Doc ID 11165 Rev 5
9/33
4
Operation description
The main loop uses a constant frequency peak current mode architecture. Each cycle, the
high side MOSFET is turned on, triggered by the oscillator, so that the current flowing
through it (which is the same as the inductor current) increases.
When this current reaches the threshold (set by the output of the error amplifier E/A, the
peak current limit comparator, PEAK_CL, turns off the high side MOSFET and turns on the
low side MOSFET until the next clock cycle begins, or if the current flowing through it
decreases to zero (ZERO CROSSING comparator).
In particular, the error amplifier output is dependent on the FB pin voltage. When the output
current increases, the output capacitor is discharged and so the FB pin voltage decreases.
This produces an increase in the error amplifier output, allowing a higher value for the peak
inductor current. For the same reason, when the output current decreases due to a load
transient, the error amplifier output goes low, thus reducing the peak inductor current to
meet the new load requirements.
The system includes a slope compensation signal, added to the sensed high side ramp
current, which provides loop stability even in high duty cycle conditions (see related
section).
4.1
Light load modes of operation
Depending on the SYNC pin value, the device can operate in LCM (low consumption mode)
or LNM (low noise mode). If the SYNC pin is high (greater than 1.3 V) low consumption
mode is selected while low noise mode is selected if the SYNC pin is low (less than 0.5 V).
4.2
Low consumption mode
In this mode of operation, the device operates discontinuously based on the COMP pin
voltage in order to maintain very high efficiency even in light load conditions. When the
device is not switching, the load discharges the output capacitor and the output voltage
decreases. When the feedback voltage goes below the internal reference, the COMP pin
voltage increases, and when an internal threshold is reached the device begins to switch. In
this condition the peak current limit is set in the range of approximately 200 mA - 400 mA,
depending on the slope compensation (see related section).
Once the device starts to switch, the output capacitor is recharged. The feedback pin
voltage increases and, when it reaches a value slightly higher than the reference voltage,
the output of the error amplifier decreases until a clamp is activated.
At this point the device stops switching. In this phase, most of the internal circuitry is off,
reducing the device’s consumption down to a typical value of 25 µA.
4.2.1
Low noise mode
If for noise considerations, the very low frequencies of low consumption mode are
undesirable, low noise mode can be selected. In low noise mode, efficiency is slightly lower
compared to low consumption mode in very light load conditions, but for medium-high load
currents the efficiency values are very similar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com