Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2115 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2115
Description  This application note details the main features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2115 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2115 Datasheet HTML 25Page - STMicroelectronics AN2115 Datasheet HTML 26Page - STMicroelectronics AN2115 Datasheet HTML 27Page - STMicroelectronics AN2115 Datasheet HTML 28Page - STMicroelectronics AN2115 Datasheet HTML 29Page - STMicroelectronics AN2115 Datasheet HTML 30Page - STMicroelectronics AN2115 Datasheet HTML 31Page - STMicroelectronics AN2115 Datasheet HTML 32Page - STMicroelectronics AN2115 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Application ideas
AN2115
30/33
Doc ID 11165 Rev 5
Equation 24
This topology is possible only because the input source is a battery, and so it must not be
referred to ground. A drawback of this approach, which is intrinsic in the boost topology, is
that a path between the input and output is always present.
This does not allow effective short circuit protection and can generate a battery discharge
even when the device is turned off.
10.2.3
Driving white LEDs: buck boost topology
When a single Li-Ion cell is used at the input, a buck boost topology can be employed, as
shown in Figure 26.
Figure 26.
Buck boost LED
The relationship between the output current and the switch current is the same as in the
boost topology. An advantage of this topology compared with the boost topology, however, is
that when the device is turned off there is no current path between the input and the output.
This allows effective short circuit protection and minimizes the current drawn from the
battery when the device is turned off. A dimming control can be developed by turning the
device on and off with a frequency of around 100 - 200 Hz in order to avoid LED flickering
Figure 27. Another way to implement LED dimming is by changing the voltage of the
dimming resistor Figure 28.
I
OUT
I
SWITCH 1D
–
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com